Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-150E-G-CT Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-150E-G-CT
Description  LED SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150E-G-CT Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-150E-G-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150E-G-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
45
----
----
Viewing Angle
Spectral Line Half-Width
G2.6
----
1.7
IF=20mA
VF
V
140
----
----
IF=20mA
deg
2
θ 1/2
140
G
----
----
30
G
----
----
2.6
1.7
----
△λ
IF=20mA
nm
Items
10
5.0
G
----
IF=20mA
mcd
622
----
----
IF=20mA
nm
λD
573
G
----
----
CONDITION
UNIT
Max.
Min.
Typ.
Symbol
6.0
3.2
E
----
Iv
E
E
E
E
10
10
μA
Ir
Reverse Current @5V
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Forward Voltage
Dominant Wavelength
Typical Electrical & Optical Characteristics (Ta=25
)
Luminous Intensity
Peak Wavelength
λP
Storage Temperature
Soldering Temperature
Operating Temperature
Tsol
Tstg
Topr
nm
IF=20mA
Max 260
for 5 sec Max
-40 ~ +90
-40 ~ +85
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Peak Forward Current
Duty 1/10@10KHz
Parameter
Power Dissipation
Forward Current
IF
IFP
PD
Symbol
25
120
Ratings
E
65
G
mA
mA
mW
UNIT
Page 3/11
PART NO. LG-150E/G-CT
65
120
25
----
----
G
E
----
----
565
635


Similar Part No. - LG-150E-G-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-150E-CT LIGITEK-LG-150E-CT Datasheet
152Kb / 11P
   LED SMD
LG-150E-DT LIGITEK-LG-150E-DT Datasheet
158Kb / 11P
   LED SMD
More results

Similar Description - LG-150E-G-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com