Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-150HYS-CT Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-150HYS-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150HYS-CT Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-150HYS-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-150HYS-CT Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
IR Reflow
Environmental
Test
Solderability Test
Temperature
Cycling
Thermal Shock Test
1.105
℃ ~ 25℃ ~ -55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
1.T=260 ° C Max. 10sec.Max.
2. 6 Min
1.Ta=105
℃±5&-40℃±5
(10min)
(10min)
2.total 10 cycles
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Coverage
95% of the dipped surface
High Temperature
Storage Test
Endurance
Test
High Temperature
High Humidity
Storage Test
Low Temperature
Storage Test
Classification
Operating Life Test
Test Item
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95 %
3.t=1000hrs
±2hrs
Test Condition
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
MIL-STD-883D:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202F:103B
JIS C 7021: B-11
Reference
Standard
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
Page 10/10
PART NO. LG-150HYS-CT


Similar Part No. - LG-150HYS-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-150HY-CT LIGITEK-LG-150HY-CT Datasheet
163Kb / 11P
   LED SMD
LG-150HY-CT-08 LIGITEK-LG-150HY-CT-08 Datasheet
1,000Kb / 12P
   LED SMD
More results

Similar Description - LG-150HYS-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com