Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9302 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9302
Description  1-Memory/2-Memory Tone/Pulse Dialer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9302 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
HT9302 Series
1-Memory/2-Memory Tone/Pulse Dialer
Selection Table
Function
Part No.
Lock Function
(Pin Selection)
Hold Line
Hand Free
LCD Interface
Package
HT9302x
(Normal version)
HT9302A
Ö
¾¾¾
18 DIP
HT9302B
ÖÖ
Ö
¾
22 SKDIP
HT9302C
Ö¾
¾
Ö
20 DIP
HT9302D
Ö
ÖÖÖ
24 SKDIP
HT9302G
(Simple version)
HT9302G
¾
¾¾¾
16 DIP/NSOP
Rev. 1.30
1
May 13, 2009
Features
· Universal specification
· Operating voltage: 2.0V~5.5V
· Low standby current
· Low memory retention current: 0.1mA (typ.)
· Tone/pulse switchable
· Interface with LCD driver
· 32 digits for redialing
· 32 digits for SA memory dialing
· One-key redialing
· Pause and P®T key for PBX
· 4´4 keyboard matrix
· 3.58MHz crystal or ceramic resonator
· Hand-free control
· Hold-line control
· Pause, P®T can be saved for redialing
· Lock function
· Resistor options
- M/B ratio
- Flash function and flash time
- Pause and P®T duration
- Pulse number
· HT9302A: 18-pin DIP package
HT9302B: 22-pin SKDIP package
HT9302C: 20-pin DIP package
HT9302D: 24-pin SKDIP package
HT9302G: 16-pin DIP/NSOP packages
General Description
The HT9302 series tone/pulse dialers are CMOS LSIs
for telecommunication systems. They are designed to
meet various dialing specifications through resistor op-
tion matrix.
The HT9302 series provide the pin-selected lock func-
tion, Hold-line, Hand-free and LCD dialing number
display interface, all of which are suitable for feature
phone applications. HT9302G is simpler than HT9302X
version. It provides only a redialing memory for simple
low-cost system applications.
Patent Number: 64097, 86474, 64529, 113235 (R.O.C.)
5424740 (U.S.A.)


Similar Part No. - HT9302

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302A HOLTEK-HT9302A Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302B HOLTEK-HT9302B Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302C HOLTEK-HT9302C Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302D HOLTEK-HT9302D Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
More results

Similar Description - HT9302

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
logo
Silan Microelectronics ...
SC9302 SILAN-SC9302 Datasheet
1Mb / 39P
   1-MEMORY/2-MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
   1-Memory/2-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com