Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA2300EG Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA2300EG
Description  Surface Mount Micromachined Accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2300EG Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA2300EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2300EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMA2300KEG
Sensors
2
Freescale Semiconductor
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Freescale accelerometers contain internal
2 kV ESD protection circuitry, extra precaution must be taken
by the user to protect the chip from ESD. A charge of over
2000 volts can accumulate on the human body or associated
test equipment. A charge of this magnitude can alter the
performance or cause failure of the chip. When handling the
accelerometer, proper ESD precautions should be followed
to avoid exposing the device to discharges which may be
detrimental to its performance.
Table 1. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Powered Acceleration (all axes)
Gpd
1500
g
Unpowered Acceleration (all axes)
Gupd
2000
g
Supply Voltage
VDD
–0.3 to +7.0
V
Drop Test (1)
1. Dropped onto concrete surface from any axis.
Ddrop
1.2
m
Storage Temperature Range
Tstg
–40 to +125
°C


Similar Part No. - MMA2300EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA2300EG FREESCALE-MMA2300EG Datasheet
276Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA2300EG FREESCALE-MMA2300EG Datasheet
127Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA2300EGR2 FREESCALE-MMA2300EGR2 Datasheet
276Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA2300EGR2 FREESCALE-MMA2300EGR2 Datasheet
127Kb / 11P
   Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA2300EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
   Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
logo
Freescale Semiconductor...
MMA3204KEG FREESCALE-MMA3204KEG Datasheet
152Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
Motorola, Inc
MMA2201 MOTOROLA-MMA2201 Datasheet
99Kb / 8P
   Surface Mount Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com