Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7455L Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7455L
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455L Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA7455L_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455L_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Sensors
Freescale Semiconductor
7
MMA7455L
Table 3. Operating Characteristics
Unless otherwise noted: –40°C < TA < 85°C, 2.4 V < AVDD < 3.6 V, Acceleration = 0g, Loaded output.
Characteristic
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage
Standby/Operation Mode
Enable Bus Mode
Digital I/O Pins Supply Voltage(1)
Standby/Operation Mode
Enable Bus Mode
AVDD
AVDD
DVDD_IO
DVDD_IO
2.4
2.4
2.8
0
2.8
0
3.6
3.6
V
V
V
V
Supply Current Drain
Operation Mode
Pulse Detect Function Mode
Standby Mode (except data loading and I2C/SPI communication period)
IDD
IDD
IDD
400
400
2.5
490
490
10
μA
μA
μA
Operating Temperature Range
TA
-40
25
85
°C
0g Output Signal (TA=25°C, AVDD = 2.8 V)
±2g range (25°C) 8-bit
GLVL[1:0]= 0 1
±4g range (25°C) 8-bit
GLVL[1:0]= 1 0
±8g range (25°C) 8-bit
GLVL[1:0]= 0 0
±8g range (25°C) 10-bit
-18
-10
-5
-18
0
0
0
0
18
10
5
18
count
count
count
count
Sensitivity (TA=25°C, AVDD = 2.8 V)
±2g range (25°C) 8-bit
±4g range (25°C) 8-bit
±8g range (25°C) 8-bit
±8g range (25°C) 10-bit
58
29
14.5
58
64
32
16
64
70
35
17.5
70
count/g
count/g
count/g
count/g
Self-Test Output Response
Zout
ΔSTZ
32
64
83
count
Temperature Compensation for Offset
TCO
±3.5
±0.5
+3.5
mg/°C
Temperature Sensitivity for Offset
TCS
±0.026
±0.01
+0.026
mg/°C
Input High Voltage
Input Low Voltage
VIH
VIL
0.7 x DVDD
0.35 x DVDD
V
V
Internal Clock Frequency (TA = 25°C, AVDD = 2.8 V)
tCLK
140
150
160
kHz
SPI Frequency
DVDD_IO < 2.4 V
DVDD_IO > 2.4 V
4
8
MHz
MHz
Bandwidth for Data Measurement (User Selectable)
DFBW 0
DFBW 1
62.5
125
Hz
Hz
Output Data Rate
Output Data Rate is 125 Hz when 62.5 bandwidth is selected.
Output Data rate is 250 Hz when 125 Hz bandwidth is selected.
125
250
Hz
Hz
Control Timing
Wait Time for I2C/SPI ready after power on
Turn On Response Time (Standby to Normal Mode)
Turn Off Response Time (Normal to Standby Mode)
Self-Test Response Time
Sensing Element Resonant Frequency
XY
Z
tsu
tru
trd
tst
fGCELLXY
fGCELLZ
1
6.0
3.4
20
20
20
ms
ms
ms
ms
kHz
kHz
Nonlinearity (2 g range)
-1
+1
%FS
Cross Axis Sensitivity
-5
+5
%
1. It is recommended to tie the analog and digital supply voltages together.


Similar Part No. - MMA7455L_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
More results

Similar Description - MMA7455L_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7450L FREESCALE-MMA7450L Datasheet
394Kb / 22P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com