Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7455LT Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Sensors
Freescale Semiconductor
11
MMA7455L
THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS
CASE 1: Motion Detection
Integer Value: X >Threshold OR Y >Threshold OR Z > Threshold
Reg $18 THOPT=1; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F.
CASE 2: Motion Detection
Absolute: ||X|| > Threshold OR ||Y|| >Threshold OR ||Z|| > Threshold
Reg $18 THOPT=0; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F.
CASE 3: Freefall Detection
Integer Value: X < Threshold AND Y < Threshold AND Z <Threshold
Reg $18 THOPT=1; Reg 19 LDPL=1, Set Threshold to 0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07
CASE 4: Freefall Detection
Absolute: ||X|| <Threshold AND ||Y|| < Threshold AND ||Z||< Threshold
Reg $18 THOPT=0; Reg 19 LDPL=1, Set Threshold to +/-0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07.
TH = $2F
TH = $2F
TH = $D1
TH = $07
TH = $07
TH = $F9


Similar Part No. - MMA7455LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455LT FREESCALE-MMA7455LT Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
MMA7455LT FREESCALE-MMA7455LT Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455LT FREESCALE-MMA7455LT Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455LT NXP-MMA7455LT Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
More results

Similar Description - MMA7455LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7450L FREESCALE-MMA7450L Datasheet
394Kb / 22P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com