Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8535EBVTAKG Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin Map
Freescale Semiconductor
10
DDR SDRAM Memory Interface
MDQ[0:63]
Data
A26,B26,C22,D21,D25,
B25,D22,E21,A24,A23,
B20,A20,A25,B24,B21,
A21,E19,D19,E16,C16,
F19,F18,F17,D16,B18,
A18,A15,B14,B19,A19,
A16,B15,D1,F3,G1,H2,
E4,G5,H3,J4,B2,C3,F2,
G2,A2,B3,E1,F1,L5,L4,
N3,P3,J3,K4,N4,P4,J1,
K1,P1,R1,J2,K2,P2,R2
I/O
GVDD
MECC[0:7]
Error Correcting Code
G12,D14,F11,C11,
G14,F14,C13,D12
I/O
GVDD
MAPAR_ERR
Address Parity Error
A13
I
GVDD
MAPAR_OUT
Address Parity Out
A6
O
GVDD
MDM[0:8]
Data Mask
C25,B23,D18,B17,G4,
C2,L3,L2,F13
OGVDD
MDQS[0:8]
Data Strobe
D24,B22,C18,A17,J5,
C1,M4,M2,E13
I/O
GVDD
MDQS[0:8]
Data Strobe
C23,A22,E17,B16,K5,
D2,M3,N1,D13
I/O
GVDD
MA[0:15]
Address
B7,G8,C8,A10,D9,C10,
A11,F9,E9,B12,A5,
A12,D11,F7,E10,F10
OGVDD
MBA[0:2]
Bank Select
A4,B5,B13
O
GVDD
MWE
Write Enable
B4
O
GVDD
MRAS
Row Address Strobe
C5
O
GVDD
MCAS
Column Address Strobe
E7
O
GVDD
MCS[0:3]
Chip Select
D3,H6,C4,G6
O
GVDD
MCKE[0:3]
Clock Enable
H10,K10,G10,H9
O
GVDD
11
MCK[0:5]
Differential Clock 3 Pairs /
DIMM
A9,J11,J6,A8,J13,H8
O
GVDD
MCK[0:5]
Differential Clock 3 Pairs /
DIMM
B9,H11,K6,B8,H13,J8
O
GVDD
MODT[0:3]
On Die Termination
E5,H7,E6,F6
O
GVDD
MDIC[0:1]
Calibration
H15,K15
I/O
GVDD
26
Local Bus Controller Interface
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes


Similar Part No. - MPC8535EBVTAKG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8535E FREESCALE-MPC8535E Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8535E NXP-MPC8535E Datasheet
2Mb / 127P
   MPC8535E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 07/2015
MPC8535EEC NXP-MPC8535EEC Datasheet
2Mb / 127P
   MPC8535E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 07/2015
logo
Freescale Semiconductor...
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8535EBVTAKG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com