Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-192-9UG-CT Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-192-9UG-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-192-9UG-CT Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-192-9UG-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-192-9UG-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
mA
30
Forward Current
IF
CONDITION
Items
Max.
Typ.
Symbol
Min.
UNIT
----
12.5
----
----
1.7
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
----
Viewing Angle
2
θ 1/2
Peak Wavelength
Dominant Wavelength
Luminous Intensity
Forward Voltage
Spectral Line Half-Width
λD
△λ
VF
λP
Iv
----
120
deg
IF=20mA
574
nm
----
----
2.6
20
----
nm
V
----
----
575
32
nm
mcd
IF=20mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
Typical Electrical & Optical Characteristics (Ta=25
)
Soldering Temperature
Tsol
Operating Temperature
Electrostatic Discharge
Reverse Current @5V
Storage Temperature
Tstg
Topr
Ir
ESD
Max 260
for 5 sec Max
-40 ~ +85
-40 ~ +90
2000
10
μA
V
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
IFP
PD
Symbol
60
78
Ratings
mA
mW
UNIT
Page 3/10
PART NO. LG-192-9UG-CT


Similar Part No. - LG-192-9UG-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-192-9UG-CT-T LIGITEK-LG-192-9UG-CT-T Datasheet
161Kb / 12P
   LED SMD
More results

Similar Description - LG-192-9UG-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com