Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MLUA6 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MLUA6
Description  microcontroller units (MCUs)
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MLUA6 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5634MF0MLUA6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634MF0MLUA6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
4
1.2
MPC5634M features
Operating Parameters
— Fully static operation, 0 MHz – 80 MHz (plus 2% frequency modulation - 82 MHz)
— -40 °C to 150 °C junction temperature operating range
— Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core and peripherals
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
— Fabricated in 90 nm process
— 1.2 V internal logic
— Single power supply with 5.0 V
−10%/+5% (4.5 V to 5.25 V) with internal regulator to provide 3.3 V and 1.2 V
for the core
— Input and output pins with 5.0 V
−10% / +5% (4.5 V to 5.25 V) range
– 35%/65% VDDE CMOS switch levels (with hysteresis)
– Selectable hysteresis
– Selectable slew rate control
— Nexus pins powered by 3.3 V supply
— Designed with EMI reduction techniques
– Phase-locked loop
– Frequency modulation of system clock frequency
– On-chip bypass capacitance
– Selectable slew rate and drive strength
High performance e200z335 core processor
— 32-bit Power Architecture Book E programmer’s model
— Variable Length Encoding Enhancements
– Allows Power Architecture instruction set to be optionally encoded in a mixed 16 and 32-bit instructions
– Results in smaller code size
— Single issue, 32-bit Power Architecture Book E compliant CPU
PIT (peripheral interrupt timers)
5
5
5
Task monitor timer
4 channels
4 channels
4 channels
Temperature sensor
Yes
Yes
Yes
Windowing software watchdog
Yes
Yes
Yes
Packages
144 LQFP
176 LQFP
208 MAPBGA
144 LQFP
176 LQFP
208 MAPBGA
144 LQFP
1 Calibration package only
2 The 176-pin and 208-pin packages have 34 input channels; 144-pin package has 32.
3 One FlexCAN module has 64 message buffers; the other has 32 message buffers.
4 165 interrupt channels are reserved for compatibility with future devices. This device has 191 peripheral interrupt
sources plus 8 software interrupts available to the user.
Table 1. MPC5634M family device summary (continued)
Feature
MPC5634M
MPC5633M
MPC5632M


Similar Part No. - MPC5634MF0MLUA6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 106P
   Microcontroller
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
   High performance e200z335 core processor
MPC5634MMLQ60 FREESCALE-MPC5634MMLQ60 Datasheet
1Mb / 106P
   Microcontroller
MPC5634MMLQ80 FREESCALE-MPC5634MMLQ80 Datasheet
1Mb / 106P
   Microcontroller
MPC5634MMLU60 FREESCALE-MPC5634MMLU60 Datasheet
1Mb / 106P
   Microcontroller
More results

Similar Description - MPC5634MF0MLUA6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
   microcontroller units (MCUs)
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
   Series of Microcomputers (MCUs: microcomputer units)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
   HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
   8-bit microcontroller units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com