Electronic Components Datasheet Search |
|
TSC80C51C-12AI Datasheet(PDF) 1 Page - TEMIC Semiconductors |
|
TSC80C51C-12AI Datasheet(HTML) 1 Page - TEMIC Semiconductors |
1 / 19 page TSC80C31/80C51 Rev. E (14 Jan.97) 1 MATRA MHS Description The TSC80C31/80C51 is high performance SCMOS versions of the 8051 NMOS single chip 8 bit µC. The fully static design of the TSC80C31/80C51 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The TSC80C31/80C51 retains all the features of the 8051 : 4 K bytes of ROM ; 128 bytes of RAM ; 32 I/O lines ; two 16 bit timers ; a 5-source, 2-level interrupt structure ; a full duplex serial port ; and on-chip oscillator and clock circuits. In addition, the TSC80C31/80C51 has two software-selectable modes of reduced activity for further reduction in power consumption. In the Idle Mode the CPU is frozen while the RAM, the timers, the serial port, and the interrupt system continue to function. In the Power Down Mode the RAM is saved and all other functions are inoperative. The TSC80C31/80C51 is manufactured using SCMOS process which allows them to run from 0 up to 44 MHz with VCC = 5 V. The TSC80C31/80C51 is also available at 20 MHz with 2.7 V < Vcc < 5.5 V. D TSC80C31/80C51-L16 : Low power version Vcc : 2.7–5.5 V Freq : 0–16 MHz D TSC80C31/80C51-L20 : Low power version Vcc : 2.7–5.5 V Freq : 0–20 MHz D TSC80C31/80C51-12 : 0 to 12 MHz D TSC80C31/80C51-20 : 0 to 20 MHz D TSC80C31/80C51-25 : 0 to 25 MHz D TSC80C31/80C51-30 : 0 to 30 MHz D TSC80C31/80C51-36 : 0 to 36 MHz D TSC80C31/80C51-40 : 0 to 40 MHz D TSC80C31/80C51-44 : 0 to 44 MHz* * Commercial and Industrial temperature range only. For other speed and range please consult your sale office. Features D Power control modes D 128 bytes of RAM D 4 K bytes of ROM (TSC80C31/80C51) D 32 programmable I/O lines D Two 16 bit timer/counter D 64 K program memory space D 64 K data memory space D Fully static design D 0.8 µm CMOS process D Boolean processor D 5 interrupt sources D Programmable serial port D Temperature range : commercial, industrial, automotive and military Optional D Secret ROM : Encryption D Secret TAG : Identification number CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller |
Similar Part No. - TSC80C51C-12AI |
|
Similar Description - TSC80C51C-12AI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |