Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8544BVTANF Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8544BVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544BVTANF Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8544BVTANF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544BVTANF Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
10
Freescale Semiconductor
Electrical Characteristics
Three-speed Ethernet I/O voltage
LVDD
(eTSEC1)
3.3 V ± 165 mV
2.5 V ± 125 mV
V4
TVDD
(eTSEC3)
3.3 V ± 165 mV
2.5 V ± 125 mV
PCI, DUART, PCI Express, system control and power management, I2C,
and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
3
Local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
1.8 V ± 90 mV
V5
Input voltage
DDR and DDR2 DRAM signals
MVIN
GND to GVDD
V2
DDR and DDR2 DRAM reference
MVREF
GND to GVDD/2
V
2
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V4
Local bus signals
BVIN
GND to BVDD
V5
PCI, Local bus, DUART, SYSCLK, system control
and power management, I2C, and JTAG signals
OVIN
GND to OVDD
V3
Junction temperature range
Tj
0 to 105
°C—
Notes:
1. This voltage is the input to the filter discussed in Section 21.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4. Caution: T/LVIN must not exceed T/ LVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
5. Caution: BVIN must not exceed BVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes


Similar Part No. - MPC8544BVTANF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 117P
   MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8544E NXP-MPC8544E Datasheet
1Mb / 117P
   MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 8, 09/2015
MPC8544EBVJALFA NXP-MPC8544EBVJALFA Datasheet
1Mb / 117P
   MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 8, 09/2015
MPC8544EBVJALGA NXP-MPC8544EBVJALGA Datasheet
1Mb / 117P
   MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 8, 09/2015
More results

Similar Description - MPC8544BVTANF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com