Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39F120T30 Datasheet(PDF) 1 Page - Powerbox

Part # B39F120T30
Description  210 - 300W DC/DC BUS CONVERTER MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

B39F120T30 Datasheet(HTML) 1 Page - Powerbox

  B39F120T30 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
223
BCM Series
210-300W
DC/DC
BUS
CONVER TER
MODULE
Features
Fixed ratio bus converter.
Output power: Up to 300W.
Available in 48, 352 and 384 V inputs.
Small footprint: 1.1in2 (7.1cm2).
High density – up to 1,095 W/in3.
125°C operation.
Efficiency up to 97%.
>3.5 million hours MTBF.
No output filtering required.
Pick & Place / SMD compatible.
Bus Converter Module (BCM)
PRODUCT DESCRIPTION
The Bus Converter Module (BCM) is a member of the new family of V•I Chips. It provides an isolated intermediated bus voltage to power non-isolated POL
converters from a narrow range DC input or can be used as an independent DC source. The BCM offers superior performance and lower cost than
conventional bus converters. BCMs are available in standard 48V telecom as well as high-voltage offline input ranges.
Due to the fast response time and low noise of the BCM, the need for limited life aluminium electrolytic or tantalum capacitors at the load us reduced - or
eliminated - resulting in savings of board area, materials and total system cost.
Part Numbering


Similar Part No. - B39F120T30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
45Kb / 2P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B390 WEITRON-B390 Datasheet
219Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
B390 WEITRON-B390 Datasheet
242Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
217Kb / 3P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B390-13-F DIODES-B390-13-F Datasheet
217Kb / 3P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
More results

Similar Description - B39F120T30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
   300W DC-DC Converter
logo
Vicor Corporation
VIB0010TFJ VICOR-VIB0010TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0002TFJ VICOR-VIB0002TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0003TFJ VICOR-VIB0003TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0101THJ VICOR-VIB0101THJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VMB0004MFJ VICOR-VMB0004MFJ Datasheet
1Mb / 18P
   DC to DC Bus Converter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com