Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG2640-S36-H-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG2640-S36-H-PF
Description  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG2640-S36-H-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG2640-S36-H-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG2640-S36-H-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG2640-S36-H-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG2640-S36-H-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG2640-S36-H-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG2640-S36-H-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
120°
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Preheat
0° 0
25°
2
°/sec
max
50
Time(sec)
100
150
260°
Temp(
°C)
260
°C3sec Max
5
°/sec
max
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/5
60 Seconds Max
PART NO. LG2640/S36/H-PF


Similar Part No. - LG2640-S36-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG2640-S70-H-PF LIGITEK-LG2640-S70-H-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LG2640-S71-H-PF LIGITEK-LG2640-S71-H-PF Datasheet
113Kb / 6P
   ROUND TYPE LED LAMPS
LG2640-S76-PF-TBS-X LIGITEK-LG2640-S76-PF-TBS-X Datasheet
122Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LG2640-S81-PF LIGITEK-LG2640-S81-PF Datasheet
107Kb / 6P
   ROUND TYPE LED LAMPS
LG2640-S86-PF LIGITEK-LG2640-S86-PF Datasheet
99Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LG2640-S36-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com