Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2656 Datasheet(PDF) 1 Page - Powerbox

Part # C2656
Description  700/800 WATTS (AC) DC/D CSINGLE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C2656 Datasheet(HTML) 1 Page - Powerbox

  C2656 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
432
C2600 Series
700/800
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
Single Output
3U x 42TE x 226mm
Weight: 4.0kg
INPUT VDC
INPUT VAC
OUTPUT VDC
18-36
OUTPUT
AMPS
36-75
45-90
80-160
160-320
185-264
93-138
185-264
OUTPUT
AMPS
MIN.
MAX.
C 2620
85
C 2630
C 2640
C 2650
C 2670
C 2680
C 2690
100
4,5
5,5
C 2621
65
C 2631
C 2641
C 2651
C 2671
C 2681
C 2691
75
8
10
C 2622
50
C 2632
C 2642
C 2652
C 2672
C 2682
C 2692
60
11
13
C 2623
42
C 2633
C 2643
C 2653
C 2673
C 2683
C 2693
50
14
16
C 2624
25
C 2634
C 2644
C 2654
C 2674
C 2684
C 2694
30
23
26
C 2625
22
C 2635
C 2645
C 2655
C 2675
C 2685
C 2695
27
26
30
C 2626
10
C 2636
C 2646
C 2656
C 2676
C 2686
C 2696
12
58
68
C 2627
5
C 2637
C 2647
C 2657
C 2677
C 2687
C 2697
6,5
100
130
C 2628
2,5
C 2638
C 2648
C 2658
C 2678
C 2688
C 2698
3,2
200
250
C 2629
12
C 2639
C 2649
C 2659
C 2679
C 2689
C 2699
15
45
55
Technical Illustrations
C/M 2600


Similar Part No. - C2656

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
C2655 UTC-C2655 Datasheet
61Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
SeCoS Halbleitertechnol...
C2655 SECOS-C2655 Datasheet
217Kb / 3P
   NPN Plastic Encapsulated Transistor
logo
Unisonic Technologies
C2655 UTC-C2655 Datasheet
210Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
SeCoS Halbleitertechnol...
C2655 SECOS-C2655 Datasheet
217Kb / 3P
   NPN Plastic Encapsulated Transistor
logo
Unisonic Technologies
C2655 UTC-C2655 Datasheet
259Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - C2656

ManufacturerPart #DatasheetDescription
logo
Powerbox
C500 POWERBOX-C500 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
   22000 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
   1700 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
   5000 WATTS (AC) DC/D CSINGLE OUTPUT
C600 POWERBOX-C600 Datasheet
501Kb / 1P
   500 WATTS (AC) DC/D CSINGLE OUTPUT
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PSC600 POWERBOX-PSC600 Datasheet
315Kb / 2P
   250 - 800 WATTS DC/DC SINGLE OUTPUT
logo
SL Power Electronics
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com