Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDBF07019A64 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDBF07019A64
Description  SAW FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF07019A64 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDBF07019A64 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF07019A64 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF07019A64 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF07019A64 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF07019A64 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF07019A64 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SAW FILTER
HDBF07019A64
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 6
6.Typical frequency response
7. REMARK
7.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
7.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
7.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.


Similar Part No. - HDBF07019A64

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF07019B61 SHOULDER-HDBF07019B61 Datasheet
109Kb / 6P
   SAW FILTER
HDBF07019C64 SHOULDER-HDBF07019C64 Datasheet
115Kb / 6P
   SAW FILTER
HDBF07019D64 SHOULDER-HDBF07019D64 Datasheet
106Kb / 6P
   SAW FILTER
HDBF07019E64 SHOULDER-HDBF07019E64 Datasheet
107Kb / 6P
   SAW FILTER
More results

Similar Description - HDBF07019A64

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com