Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS50-24E Datasheet(PDF) 2 Page - Powerbox

Part # DCS50-24E
Description  1000-3000 WATTS PROGRAMMABLE DC SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DCS50-24E Datasheet(HTML) 2 Page - Powerbox

  DCS50-24E Datasheet HTML 1Page - Powerbox DCS50-24E Datasheet HTML 2Page - Powerbox DCS50-24E Datasheet HTML 3Page - Powerbox DCS50-24E Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
486
DCS Series
1000-3000 WATTS PROGRAMMABLE DC SUPPLY
MODEL
CONSTANT CURRENT MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT % %
IO MAX
(TYP)
PROGRAMMING
CONSTANTS CURRENT
MODE
INPUT CURRENT, A
NORMAL
EFFICIENCY
% (TYP)
CASE
COMBINED
REGULATION LINE
AND LOAD %
RIPPLE
(RMS)
OHMS/A
V/A
230V
SINGLE
PHASE
208V
THREE
PHASE
DCS 8-140E
0.2
180
0.03
0.05
35.7
0-10V= 0-100%
Io
or
0-5V= 0-100%
Io
9
N/A
82
I
DCS 10-120E
0.2
153
0.03
0.05
41.7
9
N/A
82
I
DCS 20-60E
0.2
30
0.03
0.05
83.3
9
N/A
82
I
DCS 33-36E
0.2
11
0.03
0.05
138.9
9
N/A
84
I
DCS 40-30E
0.2
9
0.03
0.05
166.7
9
N/A
84
I
DCS 50-24E
0.2
8.5
0.03
0.05
208.3
9
N/A
84
I
DCS 60-20E
0.2
6.6
0.03
0.05
250
9
N/A
85
I
DCS 80-15E
0.2
6
0.03
0.05
333.3
9
N/A
85
I
DCS 100-12E
0.2
3.6
0.03
0.05
416.7
9
N/A
85
I
DCS 150-8E
0.2
2.3
0.03
0.05
625
9
N/A
85
I
DCS 300-4E
0.2
1.2
0.03
0.05
1250
9
N/A
85
I
* Typical resolution is 0.02% **RMS ripple from 20Hz to 300kHz ***Consult factory
Dimension: 1RU or 44mm (H) x 482mm (W) x 444mm (D) ; Weight: 8.6kg86
MODEL
OUTPUT POWER
COMBINED
REGULATION
LINE AND
LOAD %
CONSTANT VOLTAGE MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT %
VMAX
(TYP)
PROGRAMMING CONSTANTS
VOLTAGE MODES
VOLTAGE
VDC
CURRENT
ADC @
50°C
RIPPLE
(RMS)**
(TYP.)
NOISE
(P-P)
(TYP)
TRANSIENT
RESPONSE
TIME (TYP)
OHMS/V
V/V
DCS 8-350E
0-8
0-350
0.2
15mV
100mV
1000 s
0.02
0.05
625
0-10V = 0-100% Vo
or
0-5V = 0-100% Vo
DCS 12-250E
0-12
0-250
0.2
10mV
100mV
1000 s
0.02
0.05
416.7
DCS 20-150E
0-20
0-150
0.2
10mV
100mV
1000 s
0.02
0.05
250
DCS 40-75E
0-40
0-75
0.2
20mV
100mV
1000 s
0.02
0.05
125
DCS 55-55E
0-55
0-55
0.2
20mV
100mV
1000 s
0.02
0.05
90.9
DCS 60-50E
0-60
0-50
0.2
20mV
100mV
1000 s
0.02
0.05
83
DCS 80-37E
0-80
0-37
0.2
20mV
100mV
1000 s
0.02
0.05
62.5
DCS 150-20E
0-150
0-20
0.2
30mV
200mV
1000 s
0.02
0.05
33.3
MODEL
CONSTANT CURRENT MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT % %
IO MAX
(TYP)
PROGRAMMING
CONSTANTS CURRENT
MODE
INPUT CURRENT, A
NORMAL
EFFICIENCY
% (TYP)
CASE
COMBINED
REGULATION LINE
AND LOAD %
RIPPLE
(RMS)
OHMS/A
V/A
230V
SINGLE
PHASE
208V
THREE
PHASE
DCS 8-350E
0.2
870
0.03
0.05
14.7
0-10V= 0-100% I0
or
0-5V= 0-100% I0
24
13
82
II
DCS 12-250E
0.2
400
0.03
0.05
20
26
14
82
II
DCS 20-150E
0.2
100
0.03
0.05
33.3
26
14
82
II
DCS 40-75E
0.2
75
0.03
0.05
66.7
26
14
86
II
DCS 55-55E
0.2
40
0.03
0.05
90.9
26
14
82
II
DCS 60-50E
0.2
33
0.03
0.05
100
26
14
86
II
DCS 80-37E
0.2
20
0.03
0.05
135
26
14
86
II
DCS 150-20E
0.2
10
0.03
0.05
250
26
14
86
II
* Typical resolution is 0.02% **RMS ripple from 20Hz to 300kHz ***Consult factory
Dimension: 2RU or 88mm (H) x 482mm (W) x 444mm (D) ; Weight: 15kg
DSC 3kW Series


Similar Part No. - DCS50-24E

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DCS5-10 SUPERWORLD-DCS5-10 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS5-12 SUPERWORLD-DCS5-12 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS5-120 SUPERWORLD-DCS5-120 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS5-20 SUPERWORLD-DCS5-20 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS5-24 SUPERWORLD-DCS5-24 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DCS50-24E

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
   3000-4000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
XP Power Limited
HDL3000-SERIES XPPOWER-HDL3000-SERIES Datasheet
962Kb / 6P
   3000 Watts
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
Powerbox
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com