Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E30 Datasheet(PDF) 1 Page - Powerbox

Part # E30
Description  1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

E30 Datasheet(HTML) 1 Page - Powerbox

  E30 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
216
E Series
1.5-3
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
Low ripple
Low EMI/RFI
Proportional input/output
Exceptional reliability
Compact, PCB mount package
Specifications
INPUT
Voltage
See table.
Typical turn-on voltage
0.7V.
OUTPUT
Power
3W.
Voltage
See table.
Current
See table.
Ripple
See table.
Isolation
3,500V +Vout.
Efficiency
>60% typ.
Regulation
10% typ.
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
GENERAL
Dimensions
38 x 64 x 22 mm.
Weight
85g.
Packaging
Epoxy encapsulated.
Case material
Glass-filled Epoxy.
HV output lead
#22 AWG, 30KV, Silicon.
OPTIONS
External mounting box
Consult your local Powerbox office.
Output center tap
Mounting holes
Alternate pin patterns available
MODEL
RIPPLE
NO.
INPUT
CURRENT
INPUT
CURRENT
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
(NO LOAD) (FULL LOAD)
E01
<175mA
<425mA
0 to 12V 0 to ±100V
30mA
0.10%
E02
<125mA
<400mA
0 to 12V 0 to ±200V
15mA
0.25%
E02-5
<125mA
<400mA
0 to 12V 0 to ±250V
12mA
0.02%
E03
<125mA
<400mA
0 to 12V 0 to ±300V
10mA
0.01%
E05
<150mA
<400mA
0 to 12V 0 to ±500V
6mA
0.02%
E06
<175mA
<400mA
0 to 12V 0 to ±600V
5mA
0.02%
E10
<125mA
<400mA
0 to 12V 0 to ±1000V
3mA
0.02%
E15
<125mA
<400mA
0 to 12V 0 to ±1500V
2mA
0.02%
E20
<175mA
<425mA
0 to 12V 0 to ±2000V
1.5mA
0.25%
E30
<175mA
<400mA
0 to 15V 0 to ±3000V
1mA
0.25%
E40
<175mA
<400mA
0 to 15V 0 to ±4000V
0.75mA
0.5%
E50
<175mA
<400mA
0 to 15V 0 to ±5000V
0.6mA
0.5%
E60
<175mA
<400mA
0 to 15V 0 to ±6000V
0.5mA
0.5%
E70
<175mA
<350mA
0 to 15V 0 to ±7000V
0.43mA
1%
E80
<175mA
<300mA
0 to 15V 0 to ±8000V
0.25mA
1%
E101
<175mA
<300mA
0 to 15V 0 to ±10000V
0.2mA
1.5%
E121
<175mA
<300mA
0 to 15V 0 to ±12000V 0.16mA
1.5%
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
Selection Table
Technical Illustration


Similar Part No. - E30

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E30 GILWAY-E30 Datasheet
1Mb / 17P
   Miniature LEDs
logo
Cherry Semiconductor Co...
E30 CHERRY-E30 Datasheet
3Mb / 3P
   5 current ratings
logo
XP Power Limited
E30 XPPOWER-E30 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
FERYSTER Inductive Comp...
E30-11-K-V-12P-LP FERYSTER-E30-11-K-V-12P-LP Datasheet
55Kb / 1P
   COIL FORMER
logo
Bud Industries, Inc.
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
   SERIES 30-2000 UPRIGHT CABINET RACK
More results

Similar Description - E30

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
   3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAC14 POWERBOX-MAC14 Datasheet
493Kb / 2P
   5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com