Selected language     English  ▼


G03 Datasheet(PDF) 1 Page - Powerbox

Part No. G03
Description  5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERBOX [Powerbox]
Homepage  http://www.powerbox.com.au
Logo 

   
 1 page
background image
214
G Series
1.5
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
Low ripple
Miniature case size
Low EMI/RFI sinewave oscillator
Proportional input/output
User-selectable output polarity
Low cost/high performance
MTBF >2.29 million hrs per Bellcore TR-332
Specifications
INPUT
Voltage
0 to 12VDC.
Current
See table.
Typical turn-on voltage
0.7V.
OUTPUT
Power
1.5W.
Voltage
See table.
Current
See table.
Ripple
See table.
Regulation
10% (no load to full load).
Isolation
3,500V.
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
GENERAL
Dimensions
38.1 x 38.1 x 16 mm.
Weight
43g.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
OPTIONS
Output center tap.
Consult your local Powerbox office.
External mounting box.
Low power consumtion
MODEL
NUMBER
INPUT
INPUT
OUTPUT
OUTPUT2
RIPPLE
CURRENT CURRENT
VOLTAGE
CURRENT
G01
<100mA
<250mA
0 to ±100V
0 to 15mA
<1.75%
G02
<100mA
<250mA
0 to ±200V
0 to 7.5mA <0.75%
G03
<100mA
<250mA
0 to ±300V
0 to 5mA
<0.75%
G05
<100mA
<250mA
0 to ±500V
0 to 3mA
<0.02%
G06
<100mA
<250mA
0 to ±600V
0 to 2.5mA
<0.1%
G10
<100mA
<250mA
0 to ±1000V
0 to 1.5mA
<0.1%
G12
<150mA
<275mA
0 to ±1200V 0 to 1.25mA <0.1%
G15
<125mA
<275mA
0 to ±1500V
0 to1mA
<0.5%
G20
<165mA
<275mA
0 to ±2000V 0 to 0.75mA <0.5%
G25
<125mA
<275mA
0 to ±2500V
0 to 0.6mA
<1.0%
G30
<125mA
<300mA
0 to ±3000V
0 to 0.5mA
<1.0%
G401
<125mA
<300mA
0 to ±4000V 0 to 0.37mA <1.0%
G501
<125mA
<300mA
0 to ±5000V
0 to 0.3mA
<2.0%
G601
<125mA
<300mA
0 to ±6000V 0 to 0.25mA <2.0%
Photomultiplier model
GPMT
<30mA
<75mA
0 to ±1250V
0 to 350uA
<0.5%
1. Models G40, G50 & G60 do no have internal bleeder resistors on the output.
Provisions must be made externally to discharge the output capacitors if this
feature is desired.
Technical Illustration
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
Selection Table




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl