Selected language     English  ▼


G04CT Datasheet(PDF) 1 Page - Powerbox

Part No. G04CT
Description  1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERBOX [Powerbox]
Homepage  http://www.powerbox.com.au
Logo 

   
 1 page
background image
Your dependable power partner – www.powerbox.com.au
219
CT Series
1.5-10
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
Single output with centertap
Dual polarity high voltage modules
Low ripple
Low EMI/RFI
Specifications
INPUT
Voltage
See table.
OUTPUT
Power
1.5W, 3W and 10W.
Voltage range
±50VDC to ±6000VDC.
Current
See table.
Ripple
See table.
GENERAL
Dimensions
See drawings.
Weight
Case A & B: 42g.
Case C & D : 85g.
Case E & F: 113g.
Packaging
Epoxy encapsulated.
Case material
Case A, B, C & D: Glass-filled epoxy.
Case E & F: Aluminum.
OPTIONS
External mounting box
Consult your local Powerbox office.
Mounting holes
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
5
Output center tap




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl