Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-1280-2 Datasheet(PDF) 1 Page - JMK Inc.

Part # AA-1280-2
Description  compact, single phase, device with very good common mode and differential mode insertion loss
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

AA-1280-2 Datasheet(HTML) 1 Page - JMK Inc.

  AA-1280-2 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AA-1280-2
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 FX: 44-(0) 141-589-1884
JMK Inc.
Operating Voltage = 115/250 V~
Operating Current = 2 Amps
Operating Frequency = 50 / 60 Hz
Temperature Range =
-30 TO 50 Deg. C
Diel. Withstand (L-CASE) = 1500 V~ FOR 1 MIN.
Diel. Withstand (L-L) = 1500 Vdc For 1 Min.
Leakage Current = 0.5 ma @ 250 V~, 60 Hz
Discharge Volt after 1.0 second = 35 V Max.
Transient Clamping voltage = 354—432 volts
Order P/N:
AA-1280-2
LINE
LOAD
90
80
70
60
50
40
30
20
10
.01
.04
.1
.4
1
4
10
40
100
0
.02
.07
.2
.7
2
7
20
70
FREQUENCY (MEGAHERTZ)
DM
CM
JMK, INC.
1.00
2.50
2.94
0.46
1.08
0.46 TYP
LINE
LOAD
AA-1280-2
115/250 VAC
50/60 HZ
2 AMP, 50C
ASSMEBLY IN MEXICO
Cx = 0.68 uF
Cy = .0033 uF
R = 235K
Lc = 10.2 mH
VARISTOR = 250 V~
.188 DIA
FASTON, 0.25x.032
(4 PL)
(2 PL)
8-32 THR'D GRD TERM (2PL)
0.61
0.39
2.00
1.50


Similar Part No. - AA-1280-2

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AA-120 GAMEWELL-FCI-AA-120 Datasheet
86Kb / 1P
   Amplifier, 100W
AA-120 GAMEWELL-FCI-AA-120 Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
logo
Molex Electronics Ltd.
AA-120-02 MOLEX4-AA-120-02 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
AA-120-02T MOLEX4-AA-120-02T Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
AA-120-04 MOLEX4-AA-120-04 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
More results

Similar Description - AA-1280-2

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-1249-6 JMK-AA-1249-6 Datasheet
173Kb / 1P
   compact, single phase, device with very good common mode and differential mode insertion loss
1151 JMK-1151 Datasheet
202Kb / 1P
   The 1151 filter is a very compact, single phase, high current device with very good common mode and differential mode insertion loss
0283E JMK-0283E Datasheet
202Kb / 1P
   The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
EF-0926-20 JMK-EF-0926-20 Datasheet
186Kb / 1P
   The 926 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
0283 JMK-0283 Datasheet
224Kb / 1P
   The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
EF-1233M-12 JMK-EF-1233M-12 Datasheet
164Kb / 1P
   This filter provides very good common mode and differential insertion loss for 12 amp single phase systems
KK-1328-40 JMK-KK-1328-40 Datasheet
32Kb / 1P
   This filter delivers high common mode and differential mode insertion loss for DC Power Systems.
KK-1328-32 JMK-KK-1328-32 Datasheet
236Kb / 1P
   This filter series is intended to very high common mode and differential insertion loss for DC power systems.
0233H JMK-0233H Datasheet
94Kb / 1P
   The H version of the 0233 series filter offers good common and differential mode insertion loss in an extremely small package.
logo
STMicroelectronics
ETP01-XX21 STMICROELECTRONICS-ETP01-XX21 Datasheet
119Kb / 7P
   Differential and common mode protection
May 2011 Rev 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com