Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG65060-S8-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG65060-S8-PF
Description  RECTANGLE TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG65060-S8-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG65060-S8-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG65060-S8-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
100
-40 ~ +100
-40 ~ +85
Ir
10
Ratings
G
120
30
mW
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
174
Viewing
angle
2
θ1/2
(deg)
Min.
1.8
20
Min.
1.7
Forward
voltage
@
mA(V)
Max.
2.6
Spectral
halfwidth
△λnm
30
Max.
Luminous
intensity
@10mA(mcd)
45
Emitted
Green
PART NO
LG65060/S8-PF
MATERIAL
GaP
Lens
COLOR
Green Diffused
PART NO. LG65060/S8-PF
Min. Max.
574
564
Dominant
wave
length
λDnm


Similar Part No. - LG65060-S8-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG65060-S10-PF LIGITEK-LG65060-S10-PF Datasheet
123Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG65060-S3-PF LIGITEK-LG65060-S3-PF Datasheet
122Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG65060-S5-PF LIGITEK-LG65060-S5-PF Datasheet
123Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG65060-S6-PF LIGITEK-LG65060-S6-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results

Similar Description - LG65060-S8-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com