Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8545VUAQGB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8545VUAQGB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8545VUAQGB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8545VUAQGB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8545VUAQGB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale Semiconductor
Technical Data
1Overview
This section provides a high-level overview of MPC8548E
features. Figure 1 shows the major functional units within
the MPC8548E.
Although this document is written from the perspective of
the MPC8548E, most of the material applies to the other
family members—MPC8547E, MPC8545E, and
MPC8543E—as well. When specific differences occur, such
as pinout differences and processor frequency ranges, they
will be identified as such.
For specific PVR and SVR numbers, refer to the MPC8548E
PowerQUICC™ III Integrated Processor Family Reference
Manual.
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 10
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14
4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 18
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 19
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8. Enhanced Three-Speed Ethernet (eTSEC) . . . . . . . . 26
9. Ethernet Management Interface Electrical
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
11. Programmable Interrupt Controller . . . . . . . . . . . . . 51
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
13. I
2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
14. PCI/PCI-X . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 60
16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
17. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 87
19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
21. System Design Information . . . . . . . . . . . . . . . . . . 128
22. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 137
23. Document Revision History . . . . . . . . . . . . . . . . . . 141
MPC8548E PowerQUICC™ III
Integrated Processor
Hardware Specifications
Document Number: MPC8548EEC
Rev. 6, 12/2009


Similar Part No. - MPC8545VUAQGB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8545CHXANGA NXP-MPC8545CHXANGA Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545CHXANGB NXP-MPC8545CHXANGB Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545CHXANGD NXP-MPC8545CHXANGD Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545CHXAQGA NXP-MPC8545CHXAQGA Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545CHXAQGB NXP-MPC8545CHXAQGB Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
More results

Similar Description - MPC8545VUAQGB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com