Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8547CVUAQJ Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8547CVUAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8547CVUAQJ Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8547CVUAQJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8547CVUAQJ Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
11
Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for this device. Note that the values in Table 2 are
the recommended and tested operating conditions. Proper device operation outside these conditions is not
guaranteed.
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. The –0.3 to 2.75 V range is for DDR and –0.3 to 1.98 V range is for DDR2.
3. The 3.63 V maximum is only supported when the port is configured in GMII, MII, RMII, or TBI modes; otherwise the 2.75 V
maximum applies. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications,” for details on
the recommended operating conditions per protocol.
4. (M,L,O)VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.1 V ± 55 mV
V
PLL supply voltage
AVDD
1.1 V ± 55 mV
V
1
Core power supply for SerDes transceivers
SVDD
1.1 V ± 55 mV
V
Pad power supply for SerDes transceivers
XVDD
1.1 V ± 55 mV
V
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Three-speed Ethernet I/O voltage
LVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V4
TVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
—4
PCI/PCI-X, DUART, system control and power management, I2C,
Ethernet MII management, and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
3
Local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
Input voltage
DDR and DDR2 DRAM signals
MVIN
GND to GVDD
V2
DDR and DDR2 DRAM reference
MVREF
GND to GVDD/2
V
2
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V4
Local bus signals
BVIN
GND to BVDD
V—
PCI, DUART, SYSCLK, system control and power
management, I2C, Ethernet MII management, and
JTAG signals
OVIN
GND to OVDD
V3
Table 1. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Max Value
Unit
Notes


Similar Part No. - MPC8547CVUAQJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8540 FREESCALE-MPC8540 Datasheet
8Mb / 1302P
   MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
MPC8540 FREESCALE-MPC8540 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8540CPX667JB FREESCALE-MPC8540CPX667JB Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8540CPX667JC FREESCALE-MPC8540CPX667JC Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8540CPX667LB FREESCALE-MPC8540CPX667LB Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8547CVUAQJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com