Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8543ECVUAQJ Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8543ECVUAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8543ECVUAQJ Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8543ECVUAQJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8543ECVUAQJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
3
Overview
— Performance monitor facility that is similar to, but separate from, the MPC8548E performance
monitor
The e500 defines features that are not implemented on this device. It also generally defines some features
that this device implements more specifically. An understanding of these differences can be critical to
ensure proper operations.
512-Kbyte L2 cache/SRAM
— Flexible configuration.
— Full ECC support on 64-bit boundary in both cache and SRAM modes
— Cache mode supports instruction caching, data caching, or both.
— External masters can force data to be allocated into the cache through programmed memory
ranges or special transaction types (stashing).
— 1, 2, or 4 ways can be configured for stashing only.
— Eight-way set-associative cache organization (32-byte cache lines)
— Supports locking entire cache or selected lines. Individual line locks are set and cleared through
Book E instructions or by externally mastered transactions.
— Global locking and Flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be Flash cleared separately.
— SRAM features include the following:
– I/O devices access SRAM regions by marking transactions as snoopable (global).
– Regions can reside at any aligned location in the memory map.
– Byte-accessible ECC is protected using read-modify-write transaction accesses for
smaller-than-cache-line accesses.
Address translation and mapping unit (ATMU)
— Eight local access windows define mapping within local 36-bit address space.
— Inbound and outbound ATMUs map to larger external address spaces.
– Three inbound windows plus a configuration window on PCI/PCI-X and PCI Express
– Four inbound windows plus a default window on RapidIO™
– Four outbound windows plus default translation for PCI/PCI-X and PCI Express
– Eight outbound windows plus default translation for RapidIO with segmentation and
sub-segmentation support
DDR/DDR2 memory controller
— Programmable timing supporting DDR and DDR2 SDRAM
— 64-bit data interface
— Four banks of memory supported, each up to 4 Gbytes, to a maximum of 16 Gbytes
— DRAM chip configurations from 64 Mbits to 4 Gbits with ×8/×16 data ports
— Full ECC support
— Page mode support
– Up to 16 simultaneous open pages for DDR


Similar Part No. - MPC8543ECVUAQJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8543ECVUAQGA NXP-MPC8543ECVUAQGA Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8543ECVUAQGB NXP-MPC8543ECVUAQGB Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8543ECVUAQGD NXP-MPC8543ECVUAQGD Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
More results

Similar Description - MPC8543ECVUAQJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com