Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGLV-313E1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LGLV-313E1
Description  3W Power Light LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGLV-313E1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LGLV-313E1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGLV-313E1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3/12
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
. Forward Voltage Characteristics at 700mA
(Ratings At 25
Ambient)
Vf
3.0
Min.
Note : Forward Voltage is measured with an accuracy of ±0.1V
Lambertian
LGLV-313E1 Warm White
Radiation
Pattern
PART NO
Emission
Color
V
4.0
3.6
Max.
Typ.
Units
. Color Tempeature Characteristics at 700mA
(Ratings At 25℃ Ambient )
Note : CCT±5% tester tolerance.
Lambertian
Radiation
Pattern
Units
Emission
Color
PART NO
2670
Min.
Warm White
LGLV-313E1
----
3800
K
Max.
Typ.
CCT
Lambertian
. Tempeature Coefficient Of Forward Voltage&Thermal
Resistance Junction To Board Characteristics at 700mA
(Ratings At 25℃ Ambient )
Radiation
Pattern
Emission
Color
PART NO
-2
Warm White
LGLV-313E1
°C/W
mV/° C
18
Units
VF/ T
Rth,j-B
Typ.
Units
Typ.
Lambertian
. Emission Angle Characteristics at 700mA
(Ratings At 25
Ambient )
LGLV-313E1 Warm White
PART NO
Emission
Color
Units
Degrees
130


Similar Part No. - LGLV-313E1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
More results

Similar Description - LGLV-313E1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGFLW-313E1-1 LIGITEK-LGFLW-313E1-1 Datasheet
291Kb / 14P
   3W Power Light LED
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
LGSW-313E LIGITEK-LGSW-313E Datasheet
143Kb / 10P
   3W Power Light LED
LGLB-313E LIGITEK-LGLB-313E Datasheet
183Kb / 12P
   3W Power Light LED
LGSV-313E LIGITEK-LGSV-313E Datasheet
136Kb / 10P
   3W Power Light LED
LGSW-313H LIGITEK-LGSW-313H Datasheet
164Kb / 11P
   3W Power Light LED
LGLR-313E LIGITEK-LGLR-313E Datasheet
191Kb / 12P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com