Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGSV-313E Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LGSV-313E
Description  3W Power Light LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGSV-313E Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LGSV-313E Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGSV-313E Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fig.3 Forward current vs. Luminous Flux
IF(mA)
Fig.4 Junction Temperature vs. Forward Voltage
0
200
0.2
400
600
800
1000
0.4
0.6
0.8
1.0
1.2
Junction Temperature(° C)
0
-20
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Warm White
6/9
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LGSV-313E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
More results

Similar Description - LGSV-313E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGFLW-313E1-1 LIGITEK-LGFLW-313E1-1 Datasheet
291Kb / 14P
   3W Power Light LED
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
LGSW-313E LIGITEK-LGSW-313E Datasheet
143Kb / 10P
   3W Power Light LED
LGLB-313E LIGITEK-LGLB-313E Datasheet
183Kb / 12P
   3W Power Light LED
LGSW-313H LIGITEK-LGSW-313H Datasheet
164Kb / 11P
   3W Power Light LED
LGLR-313E LIGITEK-LGLR-313E Datasheet
191Kb / 12P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com