Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1030 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LH1030
Description  TOWER TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LH1030 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LH1030 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LH1030 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LH1030 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LH1030 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LH1030 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-40 ~ +100
Tstg
Storage Temperature
Viewing
angle
2
θ 1/2
(deg)
Peak
wave
length
λPnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LH1030
GaP
Red Diffused
Red
Emitted
Lens
697
1.7
90
2.6
Min. Max.
0.8
60
1.2
Typ.
Min.
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
COLOR
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Luminous
intensity
@10mA(mcd)
Soldering Temperature
Tsol
Max 260
for 5 sec Max
(2mm from body)
Forward Current
IF
15
mA
Reverse Current @5V
Operating Temperature
Topr
Ir
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
PD
IFP
-40 ~ +85
10
μA
40
60
mA
mW
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
H
Ratings
UNIT
PART NO. LH1030
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/4


Similar Part No. - LH1030

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10A12 MORNSUN-LH10-10A12 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10A12 MORNSUN-LH10-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH1030

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
   TOWER TYPE LED LAMPS
LY42740-C1 LIGITEK-LY42740-C1 Datasheet
104Kb / 5P
   TOWER TYPE LED LAMPS
LG1030-PF LIGITEK-LG1030-PF Datasheet
1Mb / 6P
   TOWER TYPE LED LAMPS
LG11430-PF LIGITEK-LG11430-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LE42741-C2 LIGITEK-LE42741-C2 Datasheet
103Kb / 5P
   TOWER TYPE LED LAMPS
LG21441-PF LIGITEK-LG21441-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LSR21440-PF LIGITEK-LSR21440-PF Datasheet
137Kb / 6P
   TOWER TYPE LED LAMPS
LSE21641-PF LIGITEK-LSE21641-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LI11240-PF LIGITEK-LI11240-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LY1030 LIGITEK-LY1030 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
LY1030-PF LIGITEK-LY1030-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com