Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECVTAQG Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8548ECVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECVTAQG Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8548ECVTAQG Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECVTAQG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
2
Freescale Semiconductor
Overview
Figure 1. MPC8548E Block Diagram
1.1
Key Features
The following list provides an overview of the MPC8548E feature set:
High-performance 32-bit core built on Power Architecture™ technology.
— 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can
be locked entirely or on a per-line basis, with separate locking for instructions and data.
— Signal-processing engine (SPE) APU (auxiliary processing unit). Provides an extensive
instruction set for vector (64-bit) integer and fractional operations. These instructions use both
the upper and lower words of the 64-bit GPRs as they are defined by the SPE APU.
— Double-precision floating-point APU. Provides an instruction set for double-precision (64-bit)
floating-point instructions that use the 64-bit GPRs.
— 36-bit real addressing
— Embedded vector and scalar single-precision floating-point APUs. Provide an instruction set
for single-precision (32-bit) floating-point instructions.
— Memory management unit (MMU). Especially designed for embedded applications. Supports
4-Kbyte–4-Gbyte page sizes.
— Enhanced hardware and software debug support
Core Complex
x8 PCI Express
4x RapidIO
66 MHz
PCI 32-bit
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
Serial
IRQs
SDRAM
DDR
Flash
SDRAM
GPIO
Bus
I2C
I2C
Controller
eTSEC
32-bit PCI Bus Interface
(If 64-bit not used)
e500
Coherency
Module
DDR/DDR2/
Memory Controller
Local Bus Controller
Programmable Interrupt
Controller (PIC)
DUART
e500 Core
512-Kbyte
L2 Cache/
SRAM
32-bit PCI/
64-bit PCI/PCI-X
Bus Interface
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
OceaN
Switch
Fabric
Serial RapidIO™
or
PCI Express
4-Channel DMA
Controller
133 MHz
PCI/PCI-X
I2C
I2C
Controller
RMII
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII
10/100/1Gb
RTBI, RGMII,
eTSEC
Security
Engine
XOR
Engine
RMII


Similar Part No. - MPC8548ECVTAQG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548ECVTATHA FREESCALE-MPC8548ECVTATHA Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548ECVTATHA FREESCALE-MPC8548ECVTATHA Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548ECVTATHB FREESCALE-MPC8548ECVTATHB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548ECVTATHB FREESCALE-MPC8548ECVTATHB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548ECVTATHC FREESCALE-MPC8548ECVTATHC Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548ECVTAQG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com