Electronic Components Datasheet Search |
|
MI-J5Y-MA Datasheet(PDF) 1 Page - Powerbox |
|
MI-J5Y-MA Datasheet(HTML) 1 Page - Powerbox |
|
1 / 1 page 371 Your dependable power partner – www.powerbox.com.au MI-JOO Series 10-50 W A TTS MILIT AR Y COTS DC/DC CONVER TER Specifications INPUT Input voltage See input voltage chart No load power dissipation Typ 1.35W OUTPUT Set point accuracy 0.5% V nom typical Load/Line regulation 0.05% V nom typical Output temperature drift 0.02%/°C Output noise 1%pp V nom Output voltage trimming 50% – 110% Remote sense compensation 0.5 V Current limit 105% – 125% Short circuit current 105% – 130% OPERATING Isolation Input to Output 3,000Vrms Output to Baseplate 500Vrms Input to Baseplate 1,500Vrms Efficiency 80 – 90% ENVIRONMENTAL I Grade M Grade Storage temperature -55°C to +125°C -65°C to +125°C Operating temperature (baseplate) -40°C to +100°C -55°C to +100°C Power cycling burn-in 12hrs 25 cycles 96hrs 200 cycles Temperature cycled with power off 48 hrs, 12 cycles 65°C to +100°C 48hrs, 12 cycles - -65°C to +100°C Test data supplied at these temperature -40°C to +80°C -55°C to +80°C Features • 28Vdc and 270Vdc Inputs per MIL-STD-704D/E/F • 155Vdc inputs per MIL-STD-1399A • MIL-STD-810 environments • Up to 23 W/in3 • 80-90% Efficiency • Remote sense and current limit A = INPUT VOLTAGE B = OUTPUT VOLTAGE VNOM RANGE TRANS. 2= 28V 18–50V (1) 60V Z=2V T = 6.5V 2 = 15V K = 40V 5= 155V 100–210V 230V Y= 3.3V R = 7.5V N = 18.5V J = 48V 6= 270V 125–400V (2) 475V 0= 5V M = 10V 3 = 24V 7= 165V 100–310V X= 5.2V 1 = 12V L = 28V V= 5.8V P = 13.8V J = 36V C = PRODUCT GRADE D = OUTPUT POWER/CURRENT 5V <5V I= -40°C to +100°C A= 10W M=-55°C to +100°C Z=25W 5A Y=50W 10A Note :(1) 16V operation at 75% load (2) These units rated at 75% load from 125-150Vin: MI-26Z-XV, MI-26Y-XV, MI-260-XW. STANDARDS AND APPROVALS Environment (MIL-STD-8100) Altitude – Method 500.2 70,000 feet Humidity – Method 507.2 86/240 (%/hours) Acceleration – Method 513.3 9 g’s Vibration – Method 514.3 20g’s Shock – Method 516.3 40g’s Reliability (MIL-HDBK-217F) 25°C Ground benign 3,619,000 hours 50°C Naval sheltered 2,208,000 hours 65°C Airborne inhabited cargo 1,701,000 hours Environmental compliance MIL-STD-810 Derating NAVMAT P-4855-1A MECHANICAL Weight 85 grams Dimensions 59.7 x 61.0 x 12.7mm Selection Table MI-J[A][B]-[C][D] For Technical Illustration refer to page 230 in Module Section |
Similar Part No. - MI-J5Y-MA |
|
Similar Description - MI-J5Y-MA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |