Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHG2062-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHG2062-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHG2062-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHG2062-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHG2062-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Storage Temperature
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Forward Current
Parameter
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LHG2062-PF
White Diffused
GaP
Green
Red
565
30
697
90
70
70
1.7
2.6
5.0
3.0
1.7
2.6
2.0
1.2
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
Spectral
halfwidth
△λnm
Lens
MATERIAL
COLOR
Emitted
Peak
wave
length
λPnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
Forward
voltage
@20mA(V)
Min.
Min. Max.
Typ.
-40 ~ +100
Tstg
2/6
Page
Absolute Maximum Ratings at Ta=25
10
-40 ~ +85
Ir
Topr
PD
40
IFP
60
μA
100
mW
120
mA
Ratings
Symbol
H
IF
15
G
30
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
GaP
LHG2062-PF
PART NO.


Similar Part No. - LHG2062-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHG2063-R1-PF LIGITEK-LHG2063-R1-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LHG2062-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com