Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-J6T-IZ Datasheet(PDF) 1 Page - Powerbox

Part # MI-J6T-IZ
Description  10-50 WATTS MILITARY COTS DC/DC CONVERTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MI-J6T-IZ Datasheet(HTML) 1 Page - Powerbox

  MI-J6T-IZ Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
371
Your dependable power partner – www.powerbox.com.au
MI-JOO Series
10-50 W A TTS MILIT AR Y COTS DC/DC CONVER TER
Specifications
INPUT
Input voltage
See input voltage chart
No load power
dissipation
Typ 1.35W
OUTPUT
Set point accuracy
0.5% V nom typical
Load/Line regulation
0.05% V nom typical
Output temperature drift
0.02%/°C
Output noise
1%pp V nom
Output voltage trimming
50% – 110%
Remote sense compensation 0.5 V
Current limit
105% – 125%
Short circuit current
105% – 130%
OPERATING
Isolation
Input to Output 3,000Vrms
Output to Baseplate 500Vrms
Input to Baseplate 1,500Vrms
Efficiency
80 – 90%
ENVIRONMENTAL
I Grade
M Grade
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature
(baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12hrs 25 cycles
96hrs 200 cycles
Temperature cycled with
power off
48 hrs, 12 cycles
65°C to +100°C
48hrs, 12 cycles -
-65°C to +100°C
Test data supplied at these
temperature
-40°C to +80°C
-55°C to +80°C
Features
28Vdc and 270Vdc Inputs per MIL-STD-704D/E/F
155Vdc inputs per MIL-STD-1399A
MIL-STD-810 environments
Up to 23 W/in3
80-90% Efficiency
Remote sense and current limit
A = INPUT VOLTAGE
B = OUTPUT VOLTAGE
VNOM
RANGE
TRANS.
2= 28V
18–50V (1)
60V
Z=2V
T = 6.5V
2 = 15V
K = 40V
5= 155V 100–210V
230V
Y= 3.3V
R = 7.5V N = 18.5V J = 48V
6= 270V 125–400V (2)
475V
0= 5V
M = 10V
3 = 24V
7= 165V 100–310V
X= 5.2V
1 = 12V
L = 28V
V= 5.8V P = 13.8V
J = 36V
C = PRODUCT GRADE
D = OUTPUT POWER/CURRENT
5V
<5V
I= -40°C to +100°C
A= 10W
M=-55°C to +100°C
Z=25W
5A
Y=50W
10A
Note :(1) 16V operation at 75% load (2) These units rated at 75% load from
125-150Vin: MI-26Z-XV, MI-26Y-XV, MI-260-XW.
STANDARDS AND APPROVALS
Environment (MIL-STD-8100)
Altitude – Method 500.2
70,000 feet
Humidity – Method 507.2
86/240 (%/hours)
Acceleration – Method 513.3 9 g’s
Vibration – Method 514.3
20g’s
Shock – Method 516.3
40g’s
Reliability (MIL-HDBK-217F)
25°C Ground benign
3,619,000 hours
50°C Naval sheltered
2,208,000 hours
65°C Airborne inhabited
cargo
1,701,000 hours
Environmental compliance
MIL-STD-810
Derating
NAVMAT P-4855-1A
MECHANICAL
Weight
85 grams
Dimensions
59.7 x 61.0 x 12.7mm
Selection Table
MI-J[A][B]-[C][D]
For Technical Illustration refer to page 230 in Module Section


Similar Part No. - MI-J6T-IZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-J6T-IZ VICOR-MI-J6T-IZ Datasheet
86Kb / 2P
   Military DC-DC Converters 10 to 50W
More results

Similar Description - MI-J6T-IZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com