Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB4A-C0505B Datasheet(PDF) 1 Page - Powerbox

Part # PBB4A-C0505B
Description  1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB4A-C0505B Datasheet(HTML) 1 Page - Powerbox

  PBB4A-C0505B Datasheet HTML 1Page - Powerbox PBB4A-C0505B Datasheet HTML 2Page - Powerbox PBB4A-C0505B Datasheet HTML 3Page - Powerbox PBB4A-C0505B Datasheet HTML 4Page - Powerbox PBB4A-C0505B Datasheet HTML 5Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Your dependable power partner – www.powerbox.com.au
193
Features
High power density
Low profile
PCB mounting
2:1 input ratio
Regulated output
Overcurrent protection
On/off remote control
PBB4A-C Series
1.5-10
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Specifications
INPUT
Nominal voltage
5Vdc, 12Vdc, 24Vdc, 48Vdc
Voltage range
4.5–9V, 9–18V, 18–36V, 36–76V
Isolation
(input – output)
500Vac 1 minute, cutoff current = 10mA, 500Vdc
50M
Ω min (20±15°C).
OUTPUT
Output voltage
See table
Voltage adjustment
Fixed (TRM pin open) ±5% adjustable by external
VR.
Output current
See table
Output voltage setting Within ±3% of nominal
Ripple & noise
All output 120-150mV pk-pk max (-20 – +55°C)
All output 200mV pk-pk max (-40 – -20°C)
Line regulation
Single Out: 5V rail – 20mV, 12V rail – 48mV,
15V rail – 60mV.
Dual Out: ±12V rail – 60mV, ±15V rail – 75mV
Load regulation
Single Out: 5V rail – 40mV, 12V rail – 100mV,
15V rail – 120mV.
Dual Out: ±12V rail – 600mV, ±15V rail – 750mV
Drift
0.4%
Start-up time
20ms (Minimum input, I
0 = 100%)
Overcurrent protection Set at approx. 105% of rating and recovers
automatically
OPERATING
Efficiency
Typically 72-86%
Remote on/off
Provided on all model, except 1.5W module
(Negative logic L : ON : OFF).
STANDARDS AND APPROVALS
Safety
UL60950-1, C-UL, EN60950-1
C-Tick
AS/NZS CISPR11 Group 1 Class A
ENVIRONMENTAL
Operating temperature -40°C to 85°C (Required derating).
Operating humidity
20%–95% RH, non condensing
Operating altitude
3000m (10,000feet) max.
Vibration
10Hz–55Hz 10G 3 min period for 60 minutes each
along x, y, and z axis
Shock/Impact
50G 11mS once each along x, y and z axis
MECHANICAL
Dimensions
PBB4A-C-A: 22.4x7.0x13.2mm
PBB4A-C-B: 25x7.0x16.1mm
PBB4A-C-C: 32.6x7.0x19.1mm
PBB4A-C-D: 40.2x7.0x22mm
Weight
PBB4A-C-A: 3g max.
PBB4A-C-B: 5g max.
PBB4A-C-C: 7g max.
PBB4A-C-D: 10g max.


Similar Part No. - PBB4A-C0505B

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB4A-C POWERBOX-PBB4A-C Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - PBB4A-C0505B

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
   8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
   10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com