Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLDU-12C05CM Datasheet(PDF) 1 Page - Powerbox

Part # PBLDU-12C05CM
Description  70 - 280 WATTS DC UPS LINEAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBLDU-12C05CM Datasheet(HTML) 1 Page - Powerbox

  PBLDU-12C05CM Datasheet HTML 1Page - Powerbox PBLDU-12C05CM Datasheet HTML 2Page - Powerbox PBLDU-12C05CM Datasheet HTML 3Page - Powerbox PBLDU-12C05CM Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
286
PBLDU Series
70-280 W A TTS DC UPS LINEAR
Features
Uninterrupted DC UPS
Separate load and battery outputs
Superior line & load regulation
Highly efficient linear design
Rack or chassis mount
C-tick approved
Battery charging management system
DC OK and Battery OK alarm
Low voltage disconnect
Internal battery back up option
SPECIFICATIONS
INPUT
Input Voltage
240VAC ±5% full output current. Other voltages
on request
Frequency
50Hz–60Hz
Input Protection
Yes
Input Fuse
Yes
OUTPUT
Output Voltage
See table
Output Currents
See table
Output Ripple
0.5mV pk-pk max. (100Hz–120Hz)
Line Regulation
±0.1% max.
Load Regulation
±0.5% max.
Temperature Coefficient
±50ppm per °C typical (±250ppm per °C max.)
Transient Response
<3%, 0.5mS (50% load change, recover to 2% of
V out)
Overvoltage Protection
SCR crowbar, factory set at 120% Vout ±5%
Overcurrent Protection
Foldback current limiting 115% +7% max.
ENVIRONMENTAL
Operating Temperature
0°C to 50°C at full load
Derating
50°C to 70°C derate linearly to 40%
Cooling
Natural convection
OPERATING
Isolation
Primary to secondary: 3.5kV 1 min
Efficiency
60%–80% depending on output voltage
Batteries
12V, 6.5Ah sealed lead acid batteries are optional
within the 19" rack mount. For expanded battery
capacity, external battery enclosures may be
provided.
High Temperature
Thermal shutdown. Auto electronic reset
Visual LED Indicators
DC OK Indicator
Yes
Battery OK Indicator
Yes
Battery On Line Indicator
Yes
Battery Status Indicator
Charge: Green, Discharge: Red
Temperature Shutdown
Optional
VOLT FREE ALARM CONTACTS
DC OK
Yes
Battery OK
Yes
Battery On Line
Yes
STANDARDS and APPROVALS
Safety
AS3260. Austel approved
C-Tick/EMC Standards
AS/NZS CSIPR11 Group 1 Class B
MECHANICAL
Dimensions
RM Rack Mount: 19”x2Ux416mm
RM-S Rack Mount Short 19”x2Ux234mm
WM Wall Mount: 371x322x123mm
CM Chassis Mount: 322x187x90mm
Connections
Rack Mount: IEC input
Wall & Chassis Mount: 7-way 9.5mm
barrier terminal block
Alarm Contacts
Rack Mount: Barrier terminal block
Wall & Chassis Mount: 2.54mm PCB header


Similar Part No. - PBLDU-12C05CM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBLDU-12C05CM POWERBOX-PBLDU-12C05CM Datasheet
298Kb / 3P
   7 0 - 2 8 0 WAT T S D C U P S L I N E A R
More results

Similar Description - PBLDU-12C05CM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
   138 WATTS DC UPS
PB251 POWERBOX-PB251 Datasheet
1Mb / 2P
   220-330 WATTS DC UPS
logo
Integrated Power Design...
DC4-70 IPDPOWER-DC4-70 Datasheet
359Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC2-70 IPDPOWER-DC2-70 Datasheet
362Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
logo
Powerbox
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
   70 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Astec America, Inc
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
NTQ123-DC ASTEC-NTQ123-DC Datasheet
506Kb / 2P
   70-125 Watts
logo
New Jersey Semi-Conduct...
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
   1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
logo
ETA-USA
EPF-28SC28-A ETA-USA-EPF-28SC28-A Datasheet
184Kb / 3P
   280 WATT DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com