Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHIR63233-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHIR63233-PF
Description  ROUND TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR63233-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHIR63233-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR63233-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Electrical Optical Characteristics (Aa=25
)
PD
Power Dissipation
6
4
Le
Radiant Intensity
Viewing Angle
Reverse Current
Forward Voltage
Spectral Line Half Width
Peak Emission Wavelength
Aperture Radiant Incidence
2
θ1/2
IR
60
VF
△λ
1.2
50
0.57
Ee
λpeak
0.86
850
Electrostatic Discharge
Reverse Voltage
Storage Temperature
Operating Temperature
SYMBOL
PARAMETER
Min.
Typ.
Tstg
Topr
ESD
Vr
Forward Current
Peak Forward Current
(300PPS,10
μs Pulse)
Parameter
IFP
IF
Symbol
100
mW
mW/sr
IF=20mA
100
μA
deg
VR=5V
1.6
V
nm
mW/cm
nm
2
IF=20mA
IF=20mA
IF=20mA
IF=20mA
TEST CONDITION
Max.
UNIT
-40 ~ +85
-40 ~ +85
2000
5
V
V
1
50
Ratings
HIR
A
mA
UNIT
Page 2/7
PART NO. LHIR63233-PF


Similar Part No. - LHIR63233-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR65063-L15-PF LIGITEK-LHIR65063-L15-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR63233-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com