Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBBA-2415D Datasheet(PDF) 1 Page - Powerbox

Part # PBBA-2415D
Description  1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-2415D Datasheet(HTML) 1 Page - Powerbox

  PBBA-2415D Datasheet HTML 1Page - Powerbox PBBA-2415D Datasheet HTML 2Page - Powerbox PBBA-2415D Datasheet HTML 3Page - Powerbox PBBA-2415D Datasheet HTML 4Page - Powerbox PBBA-2415D Datasheet HTML 5Page - Powerbox PBBA-2415D Datasheet HTML 6Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
198
PBBA Series
1.5-10
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
Small size
Low profile
2:1 input ratio
Regulated output
Overcurrent protection
Fully isolated output
Specifications
INPUT
Input voltage
5VDC (4.5–9.0), 12VDC (9–18), 24VDC (18–36),
48VDC (36–72)
Input protection
None, use external input fuse
Input filter
Yes
OUTPUT
Output voltage
See table
Voltage accuracy
±5%
Output Power
1.5W–10W
Ripple & Noise
120–150mV max. 20MHz bandwidth
Line regulation
±0.5% max. over input range
Load regulation
“Model dependent”. ±1% single output, ±5%
dual outputs
Temperature drift
1% max. 0°C to 50°C
Overload protection
Overcurrent protection works at approx. 105% of
rating and recovers automatically
OPERATING
Efficiency
1.5W: 65%, 3W: 70%,
6W: 70%, 10W: 80%
Isolation
Input – Output: 500VDC
Isolation resistance typically 50MV
Parallel operation
No
Series operation
Yes
ENVIRONMENTAL
Operating temperature
-20°C to 71°C
Derating
Derate from 55°C to 71°C
Cooling
Free air convection
Storage temperature
-40°C to 85°C
Humidity
20%–90% non condensing
Vibration
10Hz–55Hz at 2G, 3 min periods along
x, y, and z axis
Impact
50G for 11mS once on each axis
MECHANICAL SPECIFICATIONS
Case
Metal case with plastic base
Dimensions & weight
PBBA-A: 27.5x18x7mm 10g
PBBA-B: 35x23x7mm
16g
PBBA-C: 44.4x28x7mm 25g
PBBA-D: 45x35x7mm
40g
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Safety
EN60950-1, UL60950-1


Similar Part No. - PBBA-2415D

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2415A POWERBOX-PBBA-2415A Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - PBBA-2415D

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
   8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
   10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com