Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD40-24 Datasheet(PDF) 4 Page - Powerbox

Part # PD40-24
Description  40-110 WATTS WIDE INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PD40-24 Datasheet(HTML) 4 Page - Powerbox

  PD40-24 Datasheet HTML 1Page - Powerbox PD40-24 Datasheet HTML 2Page - Powerbox PD40-24 Datasheet HTML 3Page - Powerbox PD40-24 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your dependable power partner – www.powerbox.com.au
125
PD Series
40-110 W A TTS WIDE INPUT
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MAXIMUM
OUTPUT
POWER
VNOM. IMIN. IMAX. TOL. VNOM. IMIN. IMAX. IPEAK TOL. VNOM. IMIN. IMAX. TOL. VNOM. IMIN. IMAX. TOL.
PD110-10
5V
0A
22A
3%
110W
PD110-12
12V
0A
9.0A
2%
110W
PD110-13
15V
0A
7.5A
2%
110W
PD110-14
24V
0A
4.5A
2%
110W
PD110-16
30V
0A
3.6A
2%
110W
PD110-23
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
110W
PD110-31
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
110W
PD110-32
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
110W
PD110-40
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
-5V
0A
1A
4%
110W
PD110-41
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
+24V
0A
1A
4%
110W
PD110-42
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
PD110-45-1
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
0A
1.5A
10%
110W
PD110-45-2
+5V
0A
10A
3%
+24V
0A
3A
5.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
PD110-46
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
-5V
0A
1A
4%
110W
MINI TERMINAL
MOLEX CONNECTOR
MODEL
1
2
3
4
5
6
1,2,3
4,5
6,7
8,9
10
11
12
13
PD110-10
PD110-12
OUTPUT
RETURN
RETURN
OUTPUT
N/C
N/C
KEY
N/C
PD110-13
PD110-14
PD110-16
#1
#1
PD110-23
OUTPUT
COMMON
COMMON
OUTPUT
N/C
N/C
N/C
KEY
#1
RETURN
RETURN
#2
PD110-31
PD110-32
OUTPUT
COMMON
COMMON
OUTPUT
N/C
OUTPUT
KEY
N/C
#1
RETURN
RETURN
#2
#3
PD110-40
PD110-41
OUTPUT
COMMON
COMMON
OUTPUT
N/C
OUTPUT
KEY
OUTPUT
PD110-42
PD110-45-1
PD110-45-2
PD110-46
#1
RETURN
RETURN
#2
#3
Selection Table
PD110 SERIES (110W)
Pin chart
NOTES
1. Peak output current with 10% maximum duty cycle for less than 60 seconds.
2. PD110 “M” & “H” series are suitable only for 110W maximum at 20 CFM forced air cooling or 80W maximum at convection cooling. PD110 “L” series are suitable only
for 90W maximum at 20 CFM forced air cooling or 70W maximum at convection cooling.
3. Suffix codes for input range, mechanical format and connector are as follows: PD110-X1X2X3X4X5, “X1X2” is the model code from the above table, “X3” is the input range
(L = 10–20VDC, M = 18–36VDC, H = 36–72VDC), “X4” is the mechanical format (A = open PCB, B = L-bracket, C = enclosed) and “X5” is the input and output connector code
(Blank + Molex KK type, T = miniature terminal block), eg, PD110–31MCT (18–36VDC input range, enclosed format and miniature terminals blocks).
NOTES
1. Dimensions shown in inch (mm)
2. Tolerance 0.02 (0.5) maximum
3. Molex KK type connectors:
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3131
and Molex 2878 series crimp terminal
4. Miniature terminal blocks:
Input terminals allow wires up to 2mm2 (AWG #14)
Output terminals allow wires up to 2mm2 (AWG #14)
5. Weight: 640 grams (PCB format)
6. For the mechanical details of L-bracket and enclosed
formats please consult sales office
Technical Illustration
PD110 Enclosed


Similar Part No. - PD40-24

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD40-24 TRUMPOWER-PD40-24 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD40-24 TRUMPOWER-PD40-24 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
More results

Similar Description - PD40-24

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
   110 Watts
LPS110 ASTEC-LPS110 Datasheet
203Kb / 2P
   110 Watts
logo
Power-One
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Advanced Power Technolo...
1517-110M ADPOW-1517-110M Datasheet
113Kb / 4P
   110 Watts, 40 Volts, 200us, 10% Radar 1480 to 1650 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com