Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBBA-0512G Datasheet(PDF) 3 Page - Powerbox

Part # PBBA-0512G
Description  1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-0512G Datasheet(HTML) 3 Page - Powerbox

  PBBA-0512G Datasheet HTML 1Page - Powerbox PBBA-0512G Datasheet HTML 2Page - Powerbox PBBA-0512G Datasheet HTML 3Page - Powerbox PBBA-0512G Datasheet HTML 4Page - Powerbox PBBA-0512G Datasheet HTML 5Page - Powerbox PBBA-0512G Datasheet HTML 6Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
200
PBBA Series
1.5-10
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Technical Illustrations
PBBA-A
PBBA-D-A
PBBA-B
PBBA-D-B
MODEL
NUMBER
INPUT
VOLTAGE
Vdc
OUTPUT
VOLTAGE
Vdc
OUTPUT
CURRENT
A
OUTPUT
POWER
Watt
PBBA-24D12C
18-36
±12 or +24
0.25
6W
PBBA-24D15C
18-36
±15 or +30
0.2
6W
PBBA-48D12C
36-76
±12 or +24
0.25
6W
PBBA-48D15C
36-76
±15 or +30
0.2
6W
PBBA-05D12D
4.5-9
±12 or +24
0.45
10W
PBBA-05D15D
4.5-9
±15 or +30
0.35
10W
PBBA-12D12D
9-18
±12 or +24
0.45
10W
PBBA-12D15D
9-18
±15 or +30
0.35
10W
PBBA-24D12D
18-36
±12 or +24
0.45
10W
PBBA-24D15D
18-36
±15 or +30
0.35
10W
PBBA-48D12D
36-76
±12 or +24
0.45
10W
PBBA-48D15D
36-76
±15 or +30
0.35
10W


Similar Part No. - PBBA-0512G

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-0512A POWERBOX-PBBA-0512A Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA-0512B POWERBOX-PBBA-0512B Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - PBBA-0512G

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
   8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
   10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com