Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMP130-11 Datasheet(PDF) 2 Page - Powerbox

Part # PMP130-11
Description  100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PMP130-11 Datasheet(HTML) 2 Page - Powerbox

  PMP130-11 Datasheet HTML 1Page - Powerbox PMP130-11 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
370
Selection Table
MAX.
MODEL
OUTPUT #1
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
POWER
PMP130-10
5V
0A
20A
5%
100W
PMP130-10-1
7V
0A
14A
5%
100W
PMP130-11
10V
0A
10A
5%
100W
PMP130-12
12V
0A
10.8A
5%
130W
PMP130-13
15V
0A
8.6A
4%
130W
PMP130-13-1
18V
0A
7.2A
4%
130W
PMP130-14
24V
0A
5.4A
3%
130W
PMP130-16
30V
0A
4.3A
3%
130W
PMP130-17
36V
0A
3.6A
2%
130W
PMP130-18
48V
0A
2.7A
2%
130W
NOTES:
(1) All models are with built-in fan.
(2) Models except PMP130-10, PMP130-10-1 and PMP130-11 are without remote sense. Consult Powerbox for applications requiring remote sense.
Pin Chart
MODEL/PIN
1
2
3
4
5
6
7
8
PMP130-10
PMP130-10-1
PMP130-11
Return
-Sense
Output +V
Return
Output +V
Return
Output +V
+Sense
PMP130-12
PMP130-13
PMP130-13-1
PMP130-14
PMP120-16
PMP120-17
PMP120-18
Return
Return
Return
Return
Output +V
Return
Output +V
Output +V
PMP130 Series
100-130 W A TTS SINGLE OUTPUT AC/DC MEDICAL
Technical Illustration


Similar Part No. - PMP130-11

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results

Similar Description - PMP130-11

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
logo
Powerbox
TR30M POWERBOX-TR30M Datasheet
529Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
   25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
TR30RAM POWERBOX-TR30RAM Datasheet
401Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
   51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com