Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHR9033-TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHR9033-TR1
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9033-TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHR9033-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHR9033-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Luminous
intensity
@20mA(mcd)
Min.
220
Max 260
for 5 sec Max
(2mm from body)
COLOR
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LHR9033/TR1
PART NO
Emitted
GaAlAs
Red
MATERIAL
Lens
660
Peak
wave
length
λPnm
Min. Max.
1.5
20
2.4
Forward
voltage
@20 mA(V)
Spectral
halfwidth
△λnm
Typical Electrical & Optical Characteristics (Ta=25
)
Operating Temperature
Storage Temperature
Soldering Temperature
Tstg
Tsol
Topr
-40 ~ +100
-40 ~ +85
Typ.
20
330
Viewing
angle
2
θ 1/2
(deg)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Parameter
Ir
PD
IFP
IF
10
100
100
30
Symbol
Ratings
HR
μA
mW
mA
mA
UNIT
Page 3/7
PART NO. LHR9033/TR1


Similar Part No. - LHR9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHR9033-TR2 LIGITEK-LHR9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHR9033-TR3 LIGITEK-LHR9033-TR3 Datasheet
103Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - LHR9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com