Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHR9553-TR1 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LHR9553-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9553-TR1 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LHR9553-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHR9553-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/7
245
±5within 5 sec
Soldering heat
Soldering heat Max. 260
Preheat
120 ~ 150
120 ~ 180 sec
Soldering Iron:
Basic spec is
5 sec when 260℃. If temperature is higher, time should be shorter(+10 ℃ → -1sec).
Power dissipation of iron should be smaller than 15W,and temperature should be controllable.
Surface temperature of the device should be under 230
.
PART NO. LHR9553/TR1
220
Temp.
(
)
Reflow Temp/Time
120
150
Preheat
Rising
+5
/sec
Cooling
-5
/sec
60 ~ 120 sec
5sec
Time


Similar Part No. - LHR9553-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHR9033 LIGITEK-LHR9033 Datasheet
97Kb / 7P
   AXIAL TYPE LED LAMPS
LHR9033-TR1 LIGITEK-LHR9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHR9033-TR2 LIGITEK-LHR9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHR9033-TR3 LIGITEK-LHR9033-TR3 Datasheet
103Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHR9253-1 LIGITEK-LHR9253-1 Datasheet
250Kb / 8P
   AXIAL TYPE LED LAMPS
More results

Similar Description - LHR9553-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com