Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC150ACR5S12 Datasheet(PDF) 2 Page - Powerbox

Part # PSC150ACR5S12
Description  100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC150ACR5S12 Datasheet(HTML) 2 Page - Powerbox

  PSC150ACR5S12 Datasheet HTML 1Page - Powerbox PSC150ACR5S12 Datasheet HTML 2Page - Powerbox PSC150ACR5S12 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
420
MODEL
NUMBER
INPUT
OUTPUT
CASE
OUTPUT
POWER
PSC240ACR15
85-135Vac
15V
16A
12TE
240W
PSC240ACR24
85-135Vac
24V
10A
12TE
240W
PSC240ACR48
85-135Vac
48V
5A
12TE
240W
PSC240ACR110
85-135Vac
110V
2.2A
12TE
240W
PSC100AC5
176-264Vac
5V
20A
10TE
100W
PSC150AC5
176-264Vac
5V
30A
12TE
150W
PSC100AC12
176-264Vac
12V
8.3A
10TE
100W
PSC150AC12
176-264Vac
12V
12.5A
12TE
150W
PSC100AC13.2
176-264Vac
13.6V
7.4A
10TE
100W
PSC150AC13.2
176-264Vac
13.6V
11A
12TE
150W
PSC100AC15
176-264Vac
15V
6.7A
10TE
100W
PSC150AC15
176-264Vac
15V
10A
12TE
150W
PSC240AC15
176-264Vac
15V
16A
12TE
240W
PSC100AC24
176-264Vac
24V
4.2A
10TE
100W
PSC150AC24
176-264Vac
24V
6.3A
12TE
150W
PSC240AC24
176-264Vac
24V
10A
12TE
240W
PSC AC Series
100-240
W A TTS
AC/DC
SINGLE
MUL TI
OUTPUT
Selection Table- Single Outputs
MODEL
NUMBER
INPUT
OUTPUT
Vdc
CASE
OUTPUT
POWER
PSC100AC48
176-264Vac
48V
2.1A
10TE
100W
PSC150AC48
176-264Vac
48V
3.1A
12TE
150W
PSC240AC48
176-264Vac
48V
5A
12TE
240W
PSC240AC110
176-264Vac
110V
2.2A
12TE
240W
PSC100ACW5
85-264Vac
5V
20A
10TE
100W
PSC150ACW5
85-264Vac
5V
30A
12TE
150W
PSC100ACW12
85-264Vac
12V
8.3A
10TE
100W
PSC150ACW12
85-264Vac
12V
12.5A
12TE
150W
PSC100ACW13.2
85-264Vac
13.6V
7.4A
10TE
100W
PSC150ACW13.2
85-264Vac
13.6V
11A
12TE
150W
PSC100ACW15
85-264Vac
15V
6.7A
10TE
100W
PSC150ACW15
85-264Vac
15V
10A
12TE
150W
PSC100ACW24
85-264Vac
24V
4.2A
10TE
100W
PSC150ACW24
85-264Vac
24V
6.3A
12TE
150W
PSC100ACW48
85-264Vac
48V
2.1A
10TE
100W
PSC150ACW48
85-264Vac
48V
3.1A
12TE
150W
MODEL
NUMBER
INPUT
MASTER
OUTPUT
AUX
OUTPUT
CASE OUTPUT
POWER
PSC100ACR5S12
85-135Vac
5V
17A
12V
1.2A
10TE
100W
PSC150ACR5S12
85-135Vac
5V
25A
12V
1.2A
12TE
150W
PSC100ACR5S15
85-135Vac
5V
17A
15V
1.2A
10TE
100W
PSC150ACR5S15
85-135Vac
5V
25A
15V
1.2A
12TE
150W
PSC100ACR12S5
85-135Vac
12V
7.3A
5V
2.5A2.
10TE
100W
PSC150ACR12S5
85-135Vac
12V
11A
5V
2.5A2.
12TE
150W
PSC100ACR12S12 85-135Vac
12V
7A
12V
1.2A
10TE
100W
PSC150ACR12S12 85-135Vac
12V
11A
12V
1.2A
12TE
150W
PSC100ACR15S12 85-135Vac
15V
5.5A
12V
1.2A
10TE
100W
PSC150ACR15S12 85-135Vac
15V
9A
12V
1.2A
12TE
150W
PSC100ACR24S24 85-135Vac
24V
3A
24V
1.2A
10TE
100W
PSC150ACR24S24 85-135Vac
24V
5A
24V
1.2A
12TE
150W
Selection Table- Dual Outputs
MODEL
NUMBER
INPUT
MASTER
OUTPUT
AUX
OUTPUT
CASE OUTPUT
POWER
PSC100AC5S12
176-264Vac
5V
17A
12V
1.2A
10TE
100W
PSC150AC5S12
176-264Vac
5V
25A
12V
1.2A
12TE
150W
PSC100AC5S15
176-264Vac
5V
17A
15V
1.2A
10TE
100W
PSC150AC5S15
176-264Vac
5V
25A
15V
1.2A
12TE
150W
PSC100AC12S5
176-264Vac
12V
7.3A
5V
2.5A2.
10TE
100W
PSC150AC12S5
176-264Vac
12V
11A
5V
2.5A2.
12TE
150W
PSC100AC12S12
176-264Vac
12V
7A
12V
1.2A
10TE
100W
PSC150AC12S12
176-264Vac
12V
11A
12V
1.2A
12TE
150W
PSC100AC15S12
176-264Vac
15V
5.5A
12V
1.2A
10TE
100W
PSC150AC15S12
176-264Vac
15V
9A
12V
1.2A
12TE
150W
PSC100AC24S24
176-264Vac
24V
3A
24V
1.2A
10TE
100W
PSC150AC24S24
176-264Vac
24V
5A
24V
1.2A
12TE
150W
Note: 2. Common zero on the output
The secondary output voltages are only factory adjustable.
Operating temperature range -25°C to +55°C. For 70°C derate PSC100 to 75W and PSC150 to 110W.
MODEL
NUMBER
INPUT
MASTER
OUTPUT
AUX
OUTPUT
CASE OUTPUT
POWER
PSC100ACR5S12-12
85-135Vac
5V
14A
±12V
1.2A
10TE
100W
PSC150ACR5S12-12
85-135Vac
5V
23A
±12V
1.2A
12TE
150W
PSC100ACR5S15-15
85-135Vac
5V
14A
±15V
1.2A
10TE
100W
PSC150ACR5S15-15
85-135Vac
5V
23A
±15V
1.2A
12TE
150W
Selection Table- Triple Outputs
MODEL
NUMBER
INPUT
MASTER
OUTPUT
AUX
OUTPUT
CASE OUTPUT
POWER
PSC100AC5S12-12 176-264Vac
5V
14A
±12V
1.2A
10TE
100W
PSC150AC5S12-12 176-264Vac
5V
23A
±12V
1.2A
12TE
150W
PSC100AC5S15-15 176-264Vac
5V
14A
±15V
1.2A
10TE
100W
PSC150AC5S15-15 176-264Vac
5V
23A
±15V
1.2A
12TE
150W
Note: Operating temperature range -25°C to +55°C. For 70°C derate PSC100 to 75W and PSC150 to 110W.
The two secondary output uses common zero for ±12 or ±15V application or to supply 24V and 30V
The secondary voltages are only factory adjustable.


Similar Part No. - PSC150ACR5S12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150A12 POWERBOX-PSC150A12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S12 POWERBOX-PSC150A12S12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S5 POWERBOX-PSC150A12S5 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A13.2 POWERBOX-PSC150A13.2 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A15 POWERBOX-PSC150A15 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
More results

Similar Description - PSC150ACR5S12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT AC-DC
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
   120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
   40 WATTS SINGLE/MULTI OUTPUT AC-DC
CE-225 IPDPOWER-CE-225 Datasheet
375Kb / 2P
   225 WATTS SINGLE/MULTI OUTPUT AC-DC
REV. Y 10/6/2022
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com