Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC150ACR15S12 Datasheet(PDF) 1 Page - Powerbox

Part # PSC150ACR15S12
Description  100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC150ACR15S12 Datasheet(HTML) 1 Page - Powerbox

  PSC150ACR15S12 Datasheet HTML 1Page - Powerbox PSC150ACR15S12 Datasheet HTML 2Page - Powerbox PSC150ACR15S12 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
419
Your dependable power partner – www.powerbox.com.au
PSC AC Series
100-240
W A TTS
AC/DC
SINGLE
MUL TI
OUTPUT
Specifications
INPUT
Voltage
See table.
Current at No Load (max)
3W–5W
Protection
Fuse on board, reverse voltage protection
Isolation
Input – Output: 2.5kVac / 4kVdc.
Input – Case: 2.5kVac / 4kVdc.
Output – Case: 2kVdc.
Alarm – Input: 2.5kVac / 4kVdc.
Soft Start
Yes with inrush current limit
OUTPUT
Power
See table.
Voltage Adjustment
-10% to +10%.
Current Limit
105%
Ripple & Noise pk-pk
10mV pk-pk typical
Regulation
Line: 0.2% L1 to H1; Load: 0.2% NL to FL
Temperature Coefficient
0.02% per °C
Transient Response
10% up to 100% typical <2mS
Overvoltage Protection
Option.
Reverse Voltage Protection Option.
Efficiency
AC 80%–91% typical
ACW 78%–87% typical
ACR 80%–91% typical
ENVIRONMENTAL
Operating Temperature
-25°C to +70°C (Single outputs > 10V).
-25°C to +55°C (Single outputs < 10V).
-25°C to +55°C (Dual and triple outputs).
Storage Temperature
-40°C to +85°C
Derating
No
Cooling
Convection
STANDARDS AND APPROVALS
Safety standards
IEC950, IEC 60950
C-Tick
AS/NZS CISPR11: 2002 Group1 Class A
EMI standards
EN55011/EN55022, EN61000-6-3
EMC standards
EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
Features
Convection cooled
Operating temperature to 70°C
Meets IP30
Conformal coated
IEC61000-4-4, EN61000-6-2
IEC60950, EN60950
OPTIONS
A
– Overvoltage protection (OVP)
A built in SCR thyristor short circuits the output when an overvoltage
occurs. The trigger voltage is 15% higher than the nominal output
voltage.
B
– Undervoltage alarm with relay.
C
– Series diode on output
For parallel redundant applications built in series diodes can be
provided. The output power may be derated depending upon the model.
E2
– Same as E1 but also 2.5kVAC between output/case.
L
– Front panel for eurorack 10, 12, 14 TE
N
– Wall mounting brackets
H15-S – H15 female screw connector
H15-T – H15 fast on 6.3mm connector.
S
– Remote sense
MECHANICAL
Case
Eurocassette
Dimensions
See drawing examples. Consult sales office for full
details
Connectors
15 Pole DIN standard 41612 H15


Similar Part No. - PSC150ACR15S12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150A12 POWERBOX-PSC150A12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S12 POWERBOX-PSC150A12S12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S5 POWERBOX-PSC150A12S5 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A13.2 POWERBOX-PSC150A13.2 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A15 POWERBOX-PSC150A15 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
More results

Similar Description - PSC150ACR15S12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT AC-DC
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
   120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
   40 WATTS SINGLE/MULTI OUTPUT AC-DC
CE-225 IPDPOWER-CE-225 Datasheet
375Kb / 2P
   225 WATTS SINGLE/MULTI OUTPUT AC-DC
REV. Y 10/6/2022
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com