Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PU1000220-24 Datasheet(PDF) 2 Page - Powerbox

Part # PU1000220-24
Description  480 - 1000 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PU1000220-24 Datasheet(HTML) 2 Page - Powerbox

  PU1000220-24 Datasheet HTML 1Page - Powerbox PU1000220-24 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
138
PU600-PU1000
480-1000 W A TTS DC/DC SINGLE
Technical Illustrations
PU6000 - Dimensions
PU1000 - Front View
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU600B12
20-60V
12V
40A
480W
PU600B13.8
20-60V
13.8V
40A
552W
PU600B15
20-60V
15V
40A
600W
PU600B24
20-60V
24V
25A
600W
PU600B48
20-60V
48V
12.5A
600W
PU600C12
50-150V
12V
40A
480W
PU600C13.8
50-150V
13.8V
40A
552W
PU600C15
50-150V
15V
40A
600W
PU600C24
50-150V
24V
25A
600W
PU600C48
50-150V
48V
12.5A
600W
PU600D12
90-270V
12V
40A
480W
PU600D13.8
90-270V
13.8V
40A
552W
PU600D15
90-270V
15V
40A
600W
PU600D24
90-270V
24V
25A
600W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU600D48
90-270V
48V
12.5A
600W
PU1000 24/24
18-32V
24V
33.4A
800W
PU1000 24/28
18-32V
28V
28.6A
800W
PU1000 24/48
18-32V
48V
16.7A
800W
PU1000 24/60
18-32V
60V
13.4A
800W
PU1000 24/110
18-32V
110V
7.28A
800W
PU1000 48/24
38-60V
24V
41.7A
1000W
PU1000 48/48
38-60V
48V
20.9A
1000W
PU1000 48/60
38-60V
60V
16.7A
1000W
PU1000 48/85
38-60V
85V
11.8A
1000W
PU1000 48/110
38-60V
110V
9.09A
1000W
PU1000 72/24
50-90V
24V
41.7A
1000W
PU1000 72/48
50-90V
48V
20.9A
1000W
PU1000 72/60
50-90V
60V
16.7A
1000W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU1000 72/85
50-90V
85V
11.8A
1000W
PU1000 72/110
50-90V
110V
9.09A
1000W
PU1000 110/24
88-150V
24V
41.7A
1000W
PU1000 110/28
88-150V
28V
35.7A
1000W
PU1000 110/48
88-150V
48V
20.9A
1000W
PU1000 110/60
88-150V
60V
16.7A
1000W
PU1000 110/85
88-150V
85V
11.8A
1000W
PU1000 110/110 88-150V
110V
9.09A
1000W
PU1000 220/24
175-300V
24V
41.7A
1000W
PU1000 220/28
175-300V
28V
35.7A
1000W
PU1000 220/48
175-300V
48V
20.9A
1000W
PU1000 220/60
175-300V
60V
16.7A
1000W
PU1000 220/85
175-300V
85V
11.8A
1000W
PU1000 220/110 175-300V
110V
9.09A
1000W
Selection Table
PU1000 - Side View


Similar Part No. - PU1000220-24

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Tumbler Technologies + ...
PU110 TRUMPOWER-PU110 Datasheet
246Kb / 2P
   SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PU110-10-1A TRUMPOWER-PU110-10-1A Datasheet
246Kb / 2P
   SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110-10-1A RSG-PU110-10-1A Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU1000220-24

ManufacturerPart #DatasheetDescription
logo
Powerbox
PC2000 POWERBOX-PC2000 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
PU300 POWERBOX-PU300 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com