Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRF9UG3393-T-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3393-T-PF
Description  LOW CURRENT DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3393-T-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRF9UG3393-T-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.0
Ambient Temperature(
)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
-40
0.8
0.9
-20
-0
20
40
0.5
100
80
600
0
-20
-40
20
40
100
60
80
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
100
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.0
1.1
1.2
1.0
1.0
0.1
10
100
1.5
2.0
3.0
2.0
1.5
2.5
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
10
1.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
HRF CHIP
1000
3.5
1000
650
700
550
600
Wavelength (nm)
1.0
0.5
0
Page 3/6
PART NO. LHRF9UG3393/T-PF


Similar Part No. - LHRF9UG3393-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG3393-PF LIGITEK-LHRF9UG3393-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-S231-PF-TRS-7 LIGITEK-LHRF9UG3393-S231-PF-TRS-7 Datasheet
230Kb / 8P
   DUAL COLOR LED LAMPS
LHRF9UG3393-S234-PF LIGITEK-LHRF9UG3393-S234-PF Datasheet
222Kb / 8P
   DUAL COLOR LED LAMPS
More results

Similar Description - LHRF9UG3393-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3393-T-PF LIGITEK-LHRFVG3393-T-PF Datasheet
122Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LSEFUG3393-T-PF LIGITEK-LSEFUG3393-T-PF Datasheet
125Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LSEFVG3393-T-PF LIGITEK-LSEFVG3393-T-PF Datasheet
124Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com