Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRF9UG23092-P1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG23092-P1
Description  DUAL COLOR LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG23092-P1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRF9UG23092-P1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG23092-P1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG23092-P1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG23092-P1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG23092-P1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG23092-P1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
White Diffused
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Green
AlGaInP
574
120
20
1.7
50
2.6
34
Dominant
wave
length
λDnm
COLOR
Emitted
Red
LHRF9UG23092/P1
AlGaInP
PART NO
MATERIAL
630
Lens
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
350
Typ.
Min.
Min.
20
1.5
2.4
220
Max.
34
Typical Electrical & Optical Characteristics (Ta=25
)
Soldering Temperature
Storage Temperature
Tsol
Tstg
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +100
90
75
Ir
Reverse Current @5V
Electrostatic Discharge
Operating Temperature
Topr
ESD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
PD
IFP
μA
10
-40 ~ +85
2000
V
75
60
mW
mA
HRF
30
Absolute Maximum Ratings at Ta=25
Forward Current
Parameter
IF
Symbol
Ratings
9UG
30
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHRF9UG23092/P1
Page 2/5


Similar Part No. - LHRF9UG23092-P1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2062-PF LIGITEK-LHRF9UG2062-PF Datasheet
191Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHRF9UG2092 LIGITEK-LHRF9UG2092 Datasheet
89Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG2092-PF LIGITEK-LHRF9UG2092-PF Datasheet
151Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LHRF9UG23092-P1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com