Electronic Components Datasheet Search |
|
MI-PC62-MZ Datasheet(PDF) 1 Page - Powerbox |
|
MI-PC62-MZ Datasheet(HTML) 1 Page - Powerbox |
1 / 2 page 382 MI COMPAC Series 50-300 W A TTS MILIT AR Y READY TO USE COMPONENT Features • Inputs 28Vdc and 270Vdc • Outputs 1 to 3, 1 to 95Vdc • EMI Compliance: MIL-STD-461C&D/E • Transients & Spikes: MIL-STD-704A, 1275A/B • Quality System MIL-1-45208 • Reverse polarity protected • Low noise FM control Single output MI-LC [a] [b] – [c] [d] MI-MC [a] [b] – [c] [e] MI-NC [a] [b] – [c] [f] 50–100W 200W 300W Dual output MI-PC [a] [b] [b] – [c] [d] [d] MI-QC [a] [b] [b] – [c] [e] [d] 100–200W 250–300W Triple output MI-RC [a] [b] [b] [b] – [c] [d] [d] [d] 150–300W # For conduction cooled models add – cc at end of model number Please substitute selection character (e.g. [a]) with value designator in the appropriate table below. A=INPUT VOLTAGE B=OUTPUT VOLTAGE C=PRODUCT GRADE NOMINAL RANGE 2=28Vdc 18-50V Z = 2Vdc 2 = 15Vdc I = -40°C to +85°C 6=270Vdc 125-475V(1) Y = 3.3Vdc 3 = 24Vdc O = 5Vdc L = 28Vdc M = -55°C to +85°C M = 10Vdc 4 = 48Vdc 1 = 12Vdc D=OUTPUT POWER/CURRENT E=OUTPUT POW./CUR. F=OUTPUT POW./CUR. 5V <5V 5V <5V 5V <5V Y = 50W 10A U = 200W – S = 300W – X = 75W 15A S = – 60A P = – 90A W= 100W 20A V = – 30A (1) These units rated at 75% load from 125-150Vin: 5Vout @ 100W; 2Vout and 3.3Vout @ 30A. ENVIRONMENTAL Storage temperature +100°C Operating temperature case +85°C Shutdown temperature +95°C typical STANDARDS AND APPROVALS EMI/RFI characteristics (MIL-STD-461C, D &E) INPUT POWER LEADS Conduct emissions CE01, CE03, CE07, CE101, CE102 MIL-STD-461C & D (1 Up) CE101 MIL-STD-461E (2 Up & 3Up) Conducted susceptibility CS01, CS02, CS06, CS101, CS114, CS116 MIL-STD-461C & D (1 Up) CS101, CS114, CS116 MIL-STD-461E (2 Up & 3Up) Specifications INPUT Nominal input 28Vdc 270Vdc Input range 18 – 50Vdc 125V – 400Vdc Input spike limit MIL-STD-704A MIL-STD-1275A/B -600V to +600Vdc -250V to +250Vdc 800Vdc max -600V to +600Vdc Input surge limit 100Vdc 500Vdc Overvoltage shutdown 50Vdc 400Vdc Inrush current 110% 110% of input typical Reverse polarity protection Recommended Fuse 10A 2A FO3A type OUTPUT 28Vdc 270Vdc Output power 250W 250W Clamp voltage 60Vdc 420Vdc Overload protection 20A 4A Set point accuracy 0.5% V nom typical Load/Line regulation 0.2-0.5% V nom typical Output temperature drift 0.01%/°C Output noise 1%pp V nom Output voltage trimming 50%-110% Remote sense compensation 0.5V Current Limit 105% – 125% MECHANICAL Dimensions MI-LC MI-MC, MI-PC MI-NC, MI-QC, MIRC 219x64x25mm 219x125x25mm 219x186x25mm OPERATING Isolation characteristics Input – output 4,242Vrms Input to case 28Vdc input: 2,121Vrms 270Vdc input: 2,500Vrms Output to case 500Vrms Selection Table |
Similar Part No. - MI-PC62-MZ |
|
Similar Description - MI-PC62-MZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |