Electronic Components Datasheet Search |
|
PSC240110-15 Datasheet(PDF) 2 Page - Powerbox |
|
PSC240110-15 Datasheet(HTML) 2 Page - Powerbox |
2 / 4 page 416 MODEL NUMBER INPUT OUTPUT CASE OUTPUT POWER PSC100A5 10-30V 5V 20A 10TE 100W PSC150A5 10-30V 5V 30A 12TE 150W PSC100A12 10-30V 12V 8.3A 10TE 100W PSC150A12 10-30V 12V 12.5A 12TE 150W PSC100A13.2 10-30V 13.6V 7.4A 10TE 100W PSC150A13.2 10-30V 13.6V 11A 12TE 150W PSC100A15 10-30V 15V 6.7A 10TE 100W PSC150A15 10-30V 15V 10A 12TE 150W PSC100A24 10-30V 24V 4.2A 10TE 100W PSC150A24 10-30V 24V 6.3A 12TE 150W PSC100A48 10-30V 48V 2.1A 10TE 100W PSC150A48 10-30V 48V 3.1A 12TE 150W PSC100B5 20-60V 5V 20A 10TE 100W PSC150B5 20-60V 5V 30A 12TE 150W PSC100B12 20-60V 12V 8.3A 10TE 100W PSC150B12 20-60V 12V 12.5A 12TE 150W PSC100B13.2 20-60V 13.6V 7.4A 10TE 100W PSC150B13.2 20-60V 13.6V 11A 12TE 150W PSC100B15 20-60V 15V 6.7A 10TE 100W PSC150B15 20-60V 15V 10A 12TE 150W PSC100B24 20-60V 24V 4.2A 10TE 100W PSC150B24 20-60V 24V 6.3A 12TE 150W PSC100B48 20-60V 48V 2.1A 10TE 100W PSC150B48 20-60V 48V 3.1A 12TE 150W PSC100CT5 40-100V 5V 20A 10TE 100W PSC150CT5 40-100V 5V 30A 12TE 150W PSC100CT12 40-100V 12V 8.3A 10TE 100W PSC150CT12 40-100V 12V 12.5A 12TE 150W PSC100CT13.2 40-100V 13.6V 7.4A 10TE 100W PSC150CT13.2 40-100V 13.6V 11A 12TE 150W PSC100CT15 40-100V 15V 6.7A 10TE 100W PSC150CT15 40-100V 15V 10A 12TE 150W Selection Table- Single Outputs MODEL NUMBER INPUT OUTPUT CASE OUTPUT POWER PSC100CT24 40-100V 24V 4.2A 10TE 100W PSC150CT24 40-100V 24V 6.3A 12TE 150W PSC100CT48 40-100V 48V 2.1A 10TE 100W PSC150CT48 40-100V 48V 3.1A 12TE 150W PSC100C5 50-150V 5V 20A 10TE 100W PSC150C5 50-150V 5V 30A 12TE 150W PSC100C12 50-150V 12V 8.3A 10TE 100W PSC150C12 50-150V 12V 12.5A 12TE 150W PSC100C13.2 50-150V 13.6V 7.4A 10TE 100W PSC150C13.2 50-150V 13.6V 11A 12TE 150W PSC100C15 50-150V 15V 6.7A 10TE 100W PSC150C15 50-150V 15V 10A 12TE 150W PSC100C24 50-150V 24V 4.2A 10TE 100W PSC150C24 50-150V 24V 6.3A 12TE 150W PSC100C48 50-150V 48V 2.1A 10TE 100W PSC150C48 50-150V 48V 3.1A 12TE 150W PSC100D5 90-270V 5V 20A 10TE 100W PSC150D5 90-270V 5V 30A 12TE 150W PSC100D12 90-270V 12V 8.3A 10TE 100W PSC150D12 90-270V 12V 12.5A 12TE 150W PSC100D13.2 90-270V 13.6V 7.4A 10TE 100W PSC150D13.2 90-270V 13.6V 11A 12TE 150W PSC100D15 90-270V 15V 6.7A 10TE 100W PSC150D15 90-270V 15V 10A 12TE 150W PSC100D24 90-270V 24V 4.2A 10TE 100W PSC150D24 90-270V 24V 6.3A 12TE 150W PSC100D48 90-270V 48V 2.1A 10TE 100W PSC150D48 90-270V 48V 3.1A 12TE 150W PSC100E24 250-500V 24V 4.2A 10TE 100W PSC150E24 250-500V 24V 6.3A 12TE 150W PSC100E48 250-500V 48V 2.1A 10TE 100W PSC150E48 250-500V 48V 3.1A 12TE 150W PSC150 & 240 Series 100-240 W A TTS DC/DC SINGLE & MUL TI OUTPUT MODEL NUMBER INPUT OUTPUT CASE OUTPUT POWER PSC240 24/15 18-32V 15V 14A 12TE 210W PSC240 24/24 18-32V 24V 10A 12TE 240W PSC240 24/48 18-32V 48V 5A 12TE 240W PSC240 24/110 18-32V 110V 2.18A 12TE 240W PSC240 48/15 38-60V 15V 14A 12TE 210W PSC240 48/24 38-60V 24V 10A 12TE 240W PSC240 48/48 38-60V 48V 5A 12TE 240W PSC240 48/110 38-60V 110V 2.18A 12TE 240W PSC240 110/15 88-150V 15V 14A 12TE 210W PSC240 110/24 88-150V 24V 10A 12TE 240W Selection Table- Single Outputs MODEL NUMBER INPUT OUTPUT CASE OUTPUT POWER PSC240 110/48 88-150V 48V 5A 12TE 240W PSC240 110/110 88-150V 110V 2.18A 12TE 240W PSC240 220/15 175-300V 15V 14A 12TE 210W PSC240 220/24 175-300V 24V 10A 12TE 240W PSC240 220/48 175-300V 48V 5A 12TE 240W PSC240 220/110 175-300V 110V 2.18A 12TE 240W PSC240 440/24 350-550V 24V 10A 12TE 240W PSC240 440/48 350-550V 48V 5A 12TE 240W PSC240 440/110 350-550V 110V 2.18A 12TE 240W |
Similar Part No. - PSC240110-15 |
|
Similar Description - PSC240110-15 |