Electronic Components Datasheet Search
Selected language     English  ▼


Q03-5 Datasheet(PDF) 1 Page - Powerbox

Part No. Q03-5
Description  0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERBOX [Powerbox]
Homepage  http://www.powerbox.com.au
Logo 

   
 1 page
background image
Your dependable power partner – www.powerbox.com.au
207
Q Series
0.5
W A TTS-100-10KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
Ultra-miniature case size
No external components required
Low ripple and EMI/RFI
Proportional input/output
Input/output isolation
Short circuit protection
Specifications
INPUT
Voltage
0-5, 12 or 24VDC.
Typical turn-on voltage
0.7V
OUTPUT
Power
0.5W
Voltage tolerance
+5%, –10% typical at full load.
Isolation
500V +V out.
ENVIRONMENTAL
Operating temperature
–25°C to +70°C (Q30-Q101: –10°C to +60°C.)
Storage temperature
–55°C to +105°C.
GENERAL
Dimensions
Case A&B: 12.7 x 12.7 x 12.7 mm.
Case C: 21.59 x 21.59 x 21.59 mm.
Weight
Case A&B: 4.25g. Case C: 28.3g.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
STANDARDS
Safety standard
The Q Series is a component DC to HV DC
converter, not a power supply. It operates from
a low voltage DC and is fully encapsulated. For
applications requiring safety approval, the Q
Series should be considered a component not
requiring individual certification.
CASE A & B
PIN#
FUNCTION
QXX
QXXN
1
Input
(–)
(–)
2
Input
(+)
(+)
3
Output
(+)
(–)
4
Output
(–)
(+)
CASE C
WIRE
COLOR
FUNCTION
QXX
QXXN
W1
Red
Input
(+)
(+)
W2
Black
Input
(–)
(–)
W3
Brn
Output
(+)
(–)
W4
Vio
Output
(–)
(+)
Selection Tables




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl