Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ST0023P Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 12ST0023P
Description  10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

12ST0023P Datasheet(HTML) 1 Page - Bothhand USA, LP.

  12ST0023P Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Half port and single port designs for maximum layout flexibility
Compatible with Intel, TDK, QSI, and ICS
Low profile packages from .094”(2.39mm)to .078”(1.98mm)for PC Card and Card bus
applications
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range:0℃ to +70℃
HI-POT Isolation:1500Vrms.
“$” Primary OCL inductance :350 uH Min@ 100KHz/0.2V
Turn ratio
(±5%)
Insertion loss
(dB Max)
Returm loss
(dB Min)
Cross talk
(dB Min)
Differential to Common Mode
Rejection (dB Min)
Part
Number
RX
TX
0.3-100 MHz 30MHz 60MHz 80MHz 30 MHz 62 MHz 100MHz 30 MHz 50 MHz 100MHz 150MHz
12ST0022P$ 1CT:1CT 1CT:1
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
12ST0022PF$ 1CT:1CT 1CT:1
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
12ST0023P
1CT:1CT 1CT:1
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
Mechanicals
Schematics
12ST002XX


Similar Part No. - 12ST0023P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
12ST0023P BOTHHAND-12ST0023P Datasheet
56Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0023P1-LF BOTHHAND-12ST0023P1-LF Datasheet
279Kb / 1P
   10/100 PC CARD LAN MAGNETICS
More results

Similar Description - 12ST0023P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
12ST0020PLF BOTHHAND-12ST0020PLF Datasheet
671Kb / 3P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
24ST0023A-3 BOTHHAND-24ST0023A-3 Datasheet
181Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
List of Unclassifed Man...
TM1401S ETC1-TM1401S Datasheet
335Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
Bothhand USA, LP.
NS0013A BOTHHAND-NS0013A Datasheet
51Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
NS0013X BOTHHAND-NS0013X Datasheet
57Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0022PF BOTHHAND-12ST0022PF Datasheet
54Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0022P BOTHHAND-12ST0022P Datasheet
57Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
VITALCONN ELECTRONICS H...
TH16070S1 VITALCONN-TH16070S1 Datasheet
284Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
Bothhand USA, LP.
NS0019 BOTHHAND-NS0019 Datasheet
101Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
NS0013MLF BOTHHAND-NS0013MLF Datasheet
73Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com