Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL2H3SEKS-032A Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTL2H3SEKS-032A
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2H3SEKS-032A Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTL2H3SEKS-032A Datasheet HTML 1Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 2Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTL2H3SEKS-032A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Compatible with radial lead automatic insertion equipment.
* Most radial lead plastic lead lamps available packaged in tape and folding.
* 2.54mm (0.1") straight lead spacing available.
* Folding packaging simplifies handling and testing.
Reel packaging is available by removing suffix “A” on option.
Package Dimensions
Specification
Item
Symbol
Minimum
Maximum
mm
inch
mm
inch
Tape Feed Hole Diameter
D
3.8
0.149
4.2
0.165
Component Lead Pitch
F
2.3
0.091
3.0
0.118
Front to Rear Deflection
H
--
--
2.0
0.078
Feed Hole to Bottom of Component
H1
20.0
0.787
21.0
0.827
Feed Hole to Overall Component Height
H2
28.4
1.118
30.0
1.181
Lead Length After Component Height
L
W0
11.0
0.433
Feed Hole Pitch
P
12.4
0.488
13.0
0.511
Lead Location
P1
4.4
0.173
5.8
0.228
Center of Component Location
P2
5.05
0.198
7.65
0.301
Total Tape Thickness
T
--
--
0.90
0.035
Feed Hole Location
W0
8.5
0.334
9.75
0.384
Adhesive Tape Width
W1
14.5
0.571
15.5
0.610
Adhesive Tape Position
W2
0
0
3.0
0.118
Tape Width
W3
17.5
0.689
19.0
0.748
Part No. : LTL2H3SEKS-032A
Page :
5
of
11
BNS-OD-C131/A4


Similar Part No. - LTL2H3SEKS-032A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2H3SEKS-012 LITEON-LTL2H3SEKS-012 Datasheet
178Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTL2H3SEKS-032A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com